Electronic Components Datasheet Search
  English  ▼

X  

TR3 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # TR3
Description  Solid Tantalum Surface Mount Capacitors TANTAMOUNT짰 Molded Case, Low ESR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TR3 Datasheet(HTML) 4 Page - Vishay Siliconix

  TR3 Datasheet HTML 1Page - Vishay Siliconix TR3 Datasheet HTML 2Page - Vishay Siliconix TR3 Datasheet HTML 3Page - Vishay Siliconix TR3 Datasheet HTML 4Page - Vishay Siliconix TR3 Datasheet HTML 5Page - Vishay Siliconix TR3 Datasheet HTML 6Page - Vishay Siliconix TR3 Datasheet HTML 7Page - Vishay Siliconix TR3 Datasheet HTML 8Page - Vishay Siliconix TR3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
TR3
Vishay Sprague
Solid Tantalum Surface Mount Capacitors
TANTAMOUNT® Molded Case, Low ESR
www.vishay.com
For technical questions, contact: tantalum@vishay.com
Document Number: 40080
56
Revision: 22-Apr-08
6.3 VDC at + 85 °C, 4 VDC at 125 °C
68
B
TR3B686(1)6R3(2)0650
4.1
6
0.650
0.36
68
B
TR3B686(1)6R3(2)0550
4.1
6
0.550
0.39
68
B
TR3B686(1)6R3(2)0500
4.1
6
0.500
0.41
68
B
TR3B686(1)6R3(2)0350
4.1
6
0.350
0.49
68
B
TR3B686(1)6R3(2)0250
4.1
6
0.250
0.58
68
C
TR3C686(1)6R3(2)0275
4.1
6
0.275
0.63
68
C
TR3C686(1)6R3(2)0200
4.1
6
0.200
0.74
68
D
TR3D686(1)6R3(2)0200
4.1
6
0.200
0.87
68
D
TR3D686(1)6R3(2)0175
3.3
4
0.175
0.93
100
B
TR3B107(1)6R3(2)1500
6.0
15
1.500
0.24
100
B
TR3B107(1)6R3(2)0500
6.0
15
0.500
0.41
100
B
TR3B107(1)6R3(2)0400
6.0
15
0.400
0.46
100
C
TR3C107(1)6R3(2)0300
6.0
6
0.300
0.61
100
C
TR3C107(1)6R3(2)0250
6.0
6
0.250
0.66
100
C
TR3C107(1)6R3(2)0150
6.0
6
0.150
0.86
100
C
TR3C107(1)6R3(2)0125
6.0
6
0.125
0.94
100
D
TR3D107(1)6R3(2)0140
6.0
6
0.140
1.04
100
D
TR3D107(1)6R3(2)0150
6.0
6
0.150
1.00
100
V
TR3V107(1)6R3(2)0200
6.0
8
0.200
0.79
100
V
TR3V107(1)6R3(2)0150
6.0
8
0.150
0.91
150
C
TR3C157(1)6R3(2)0200
9.0
8
0.200
0.74
150
C
TR3C157(1)6R3(2)0300
9.0
8
0.300
0.61
150
D
TR3D157(1)6R3(2)0150
9.0
8
0.150
1.00
150
D
TR3D157(1)6R3(2)0125
9.0
8
0.125
1.10
150
D
TR3D157(1)6R3(2)0075
9.0
8
0.075
1.41
150
D
TR3D157(1)6R3(2)0070
9.0
8
0.070
1.46
150
D
TR3D157(1)6R3(2)0050
9.0
8
0.050
1.73
150
E
TR3E157(1)6R3(2)0100
9.0
8
0.100
1.28
220
C
TR3C227(1)6R3(2)0250
13.2
14
0.250
0.66
220
C
TR3C227(1)6R3(2)0225
13.2
14
0.225
0.70
220
D
TR3D227(1)6R3(2)0150
13.2
8
0.150
1.00
220
C
TR3C227(1)6R3(2)0300
13.2
14
0.300
0.61
220
E
TR3E227(1)6R3(2)0150
13.2
8
0.150
1.05
220
D
TR3D227(1)6R3(2)0100
13.2
8
0.100
1.22
220
D
TR3D227(1)6R3(2)0050
13.2
8
0.050
1.73
220
E
TR3E227(1)6R3(2)0100
13.2
8
0.100
1.28
330
D
TR3D337(1)6R3(2)0150
19.8
8
0.150
1.00
330
D
TR3D337(1)6R3(2)0125
19.8
8
0.125
1.10
330
D
TR3D337(1)6R3(2)0100
19.8
8
0.100
1.22
330
D
TR3D337(1)6R3(2)0060
19.8
8
0.060
1.58
330
D
TR3D337(1)6R3(2)0050
19.8
8
0.050
1.73
330
D
TR3D337(1)6R3(2)0045
19.8
8
0.045
1.83
330
D
TR3D337(1)6R3(2)0035
19.8
8
0.035
2.07
330
E
TR3E337(1)6R3(2)0150
19.8
8
0.150
1.05
330
E
TR3E337(1)6R3(2)0100
19.8
8
0.100
1.28
470
D
TR3D477M6R3(2)0200
28.2
14
0.200
0.87
470
D
TR3D477M6R3(2)0150
28.2
14
0.150
1.00
470*
D
TR3D477M6R3(2)0125
28.2
14
0.125
1.10
470*
D
TR3D477M6R3(2)0100
28.2
14
0.100
1.22
470
E
TR3E477(1)6R3(2)0100
28.2
10
0.100
1.28
470
E
TR3E477(1)6R3(2)0065
28.2
10
0.065
1.59
470
E
TR3E477(1)6R3(2)0060
28.2
10
0.060
1.66
470
E
TR3E477(1)6R3(2)0050
28.2
10
0.050
1.82
680
E
TR3E687(1)6R3(2)0100
40.8
20
0.100
1.28
Notes:
• (1) Capacitance Tolerance Codes: K, M
• (2) Terminations and Packaging Codes: C, D, E, F
* Preliminary values, contact factory for availability
RATINGS AND PART NUMBER REFERENCE
CAPACITANCE
(µF)
CASE CODE
PART NUMBER
MAX. DC
LEAKAGE
at+ 25 °C
(µA)
MAX. DF
at+ 25 °C
120 Hz
(%)
MAX. ESR
at+ 25 °C
100 kHz
(
Ω)
MAX. RIPPLE
100 kHz
Irms
(A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com