Electronic Components Datasheet Search
  English  ▼

X  

TS63 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TS63
Description  Multi-Turn Surface Mount Miniature 1/4" Square Cermet Trimmers, Fully Sealed
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TS63 Datasheet(HTML) 1 Page - Vishay Siliconix

  TS63 Datasheet HTML 1Page - Vishay Siliconix TS63 Datasheet HTML 2Page - Vishay Siliconix TS63 Datasheet HTML 3Page - Vishay Siliconix TS63 Datasheet HTML 4Page - Vishay Siliconix TS63 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
www.vishay.com
For technical questions, contact: sfer@vishay.com
Document Number: 51011
30
Revision: 24-Jul-07
TS63
Vishay Sfernice
Multi-Turn Surface Mount
Miniature 1/4" Square Cermet Trimmers, Fully Sealed
The TS63 multiturn trimmer has been designed for use in
PCB surface mounting applications.
Three variations are available according to the positioning of
the control screw and contact positions.
The cermet track gives a high stability performance with an
extended ohmic capacity of 10 Ω to 2 MΩ.
FEATURES
• 0.25 W at 85 °C
• Industrial grade
• Multi-turn operation
• A low contact resistance variation (down to 2 % Rn)
• Low end contact resistance (1 Ω typical)
• Full sealing
• Tests according to CECC 41 000
DIMENSIONS in millimeters
TS63X
TS63Z
TS63Y
RECOMMENDED
SOLDERING AREAS
CIRCUIT DIAGRAM
Tolerance unless otherwise specified ± 0.5
b
c
Ø 0.45
slot 0.5 x 0.5
0.25
5.8 ± 0.10
Ø 1.8
0.7
6.85 max
6.85 max
0.20
2.54
2.54
5 max
1 ± 0.10
6.7 max
Ø 1.8
1.3 ± 0.1
7.6 max
2.54
2.54
Ø 0.45
6.85 max
0.25
slot 0.5 x 0.5
6.85 max
5 max
1 ± 0.1
8.85 max
5.3 max
c
b
1 ± 0.10
a
6.85 max
0.3
Ø 1.8
8 max
slot 0.5 x 0.5
2.54
2.54
5 max
6.85
max
6.7 max
1
2.54
2.54
7.5
c
b
a
3
b
c
a
9.3
2.54
2.54
1
2.54
2.54
1
7.5
c
b
a
3
a
c
b
cw
(3)
(1)
RoHS
COMPLIANT


Similar Part No. - TS63

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TS63 VISHAY-TS63 Datasheet
139Kb / 3P
Multi-Turn Surface Mount Miniature 1/4 Square Cermet Trimmers, Fully Sealed
05-Aug-04
TS63 VISHAY-TS63 Datasheet
121Kb / 5P
Multi-Turn Surface Mount 1/4 Square Cermet Trimmers Fully Sealed
22-Sep-15
logo
STMicroelectronics
TS634 STMICROELECTRONICS-TS634 Datasheet
126Kb / 9P
DUAL WIDE BAND OPERATIONAL AMPLIFIER FOR ADSL LINE INTERFACE
Mar-2003
TS634D STMICROELECTRONICS-TS634D Datasheet
126Kb / 9P
DUAL WIDE BAND OPERATIONAL AMPLIFIER FOR ADSL LINE INTERFACE
Mar-2003
TS634ID STMICROELECTRONICS-TS634ID Datasheet
126Kb / 9P
DUAL WIDE BAND OPERATIONAL AMPLIFIER FOR ADSL LINE INTERFACE
Mar-2003
More results

Similar Description - TS63

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TS63 VISHAY-TS63 Datasheet
139Kb / 3P
Multi-Turn Surface Mount Miniature 1/4 Square Cermet Trimmers, Fully Sealed
05-Aug-04
TSM4 VISHAY-TSM4 Datasheet
94Kb / 3P
Surface Mount Miniature Trimmers Multi-Turn Cermet Sealed
20-Oct-04
TS6 VISHAY-TS6 Datasheet
106Kb / 4P
Multi-Turn Surface Mount Miniature 1/4" Square Ceremt Trimmers, Fully Sealed
26-Jun-07
TSM4 VISHAY-TSM4_07 Datasheet
125Kb / 4P
Surface Mount Miniature Trimmers Multi-Turn Cermet Sealed
02-Oct-07
TS63Y503KR10 VISHAY-TS63Y503KR10 Datasheet
106Kb / 5P
Multi-Turn Surface Mount 1/4" Square Cermet Trimmers, Fully Sealed
08-Feb-10
TS5 VISHAY-TS5 Datasheet
126Kb / 5P
Square Surface Mount Miniature Trimmers Single-Turn Cermet Fully Sealed
22-Sep-15
TS6 VISHAY-TS6_17 Datasheet
116Kb / 5P
Multi-Turn Surface Mount 1/4" Square Cermet Trimmers, Fully Sealed
22-Sep-15
TS63 VISHAY-TS63_17 Datasheet
121Kb / 5P
Multi-Turn Surface Mount 1/4 Square Cermet Trimmers Fully Sealed
22-Sep-15
TS63 VISHAY-TS63_V01 Datasheet
111Kb / 5P
Multi-Turn Surface Mount 1/4 Square Cermet Trimmers, Fully Sealed
17-Oct-2018
TS6 VISHAY-TS6_V01 Datasheet
97Kb / 5P
Multi-Turn Surface Mount 1/4 Square Cermet Trimmers, Fully Sealed
22-Sep-15
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com