Electronic Components Datasheet Search
  English  ▼

X  

K844P Datasheet(PDF) 4 Page - Vishay Siliconix

Part # K844P
Description  Optocoupler, Phototransistor Output, AC Input
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

K844P Datasheet(HTML) 4 Page - Vishay Siliconix

  K844P Datasheet HTML 1Page - Vishay Siliconix K844P Datasheet HTML 2Page - Vishay Siliconix K844P Datasheet HTML 3Page - Vishay Siliconix K844P Datasheet HTML 4Page - Vishay Siliconix K844P Datasheet HTML 5Page - Vishay Siliconix K844P Datasheet HTML 6Page - Vishay Siliconix K844P Datasheet HTML 7Page - Vishay Siliconix K844P Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.vishay.com
For technical questions, contact: optocoupler.answers@vishay.com
Document Number: 83523
4
Rev. 2.0, 09-Jan-08
K814P/K824P/K844P
Vishay Semiconductors
Optocoupler, Phototransistor
Output, AC Input
Fig. 6 - Relative Current Transfer Ratio vs. Ambient Temperature
Fig. 7 - Collector Dark Current vs. Ambient Temperature
Fig. 8 - Collector Current vs. Forward Current
Fig. 9 - Collector Current vs. Collector Emitter Voltage
Fig. 10 - Collector Emitter Saturation Voltage vs. Collector Current
Fig. 11 - Current Transfer Ratio vs. Forward Current
- 25
0
25
50
0
0.5
1.0
1.5
2.0
95 11025
75
T
amb - Ambient Temperature (°C)
V
CE = 5 V
I
F = 5 mA
025
50
75
1
10
100
1000
10000
100
95 11026
V
CE = 20 V
I
F = 0
T
amb - Ambient Temperature (°C)
0.1
1
10
0.01
0.1
1
100
I
F - Forward Current (mA)
100
95 11027
10
V
CE = 5 V
0.1
1
10
0.1
1
10
100
V
CE - Collector Emitter Voltage (V)
100
95 10985
I
F = 50 mA
5 mA
2 mA
1 mA
20 mA
10 mA
110
0
0.2
0.4
0.6
0.8
1.0
I
C - Collector Current (mA)
100
CTR = 50 %
used
20 % used
95 11028
10 % used
0.1
1
10
1
10
100
1000
I
F - Forward Current (mA)
100
95 11029
V
CE = 5 V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com