Electronic Components Datasheet Search
  English  ▼

X  

IMS-2 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # IMS-2
Description  Inductors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IMS-2 Datasheet(HTML) 2 Page - Vishay Siliconix

  IMS-2 Datasheet HTML 1Page - Vishay Siliconix IMS-2 Datasheet HTML 2Page - Vishay Siliconix IMS-2 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
IMS-2
Inductors, Commercial, Molded, Shielded, Miniature
Vishay Dale
Document Number: 34045
For technical questions contact magnetics@vishay.com
www.vishay.com
Revision: 13-Dec-07
23
MECHANICAL SPECIFICATIONS
Terminal Strength: 3 pounds pull per MIL-STD-202,
Method 211, Test Condition A except 180° rotation for a total
of 540 °C
Weight: IMS-2 = 0.30 grams maximum
MATERIAL SPECIFICATIONS
Encapsulant: Epoxy
Standard Terminal: #24 AWG tinned copper
TEST EQUIPMENT*
• H/P 4342A Q-Meter
• Measurements Corporation Megacycle Meter, Model 59
• Wheatstone Bridge
* Test procedures per MIL-PRF-15305
DIMENSIONS in inches [millimeters]
0.250 ± 0.010
[6.35 ± 0.254]
1.50 ± 0.120
[38.10 ± 3.05]
0.095 ± 0.010
[2.41 ± 0.254]
0.020 ± 0.0015
[0.508 ± 0.038]
ENVIRONMENTAL PERFORMANCE
TEST
CONDITIONS
SPECIFICATIONS
Barometric Pressure
Test Condition C
MIL-STD-202, Method 105
Thermal Shock
Test Condition A-1
MIL-STD-202, Method 107
Flammability
-
MIL-STD-202, Method 111
Overload
-
MIL-PRF-15305
Low Temperature Storage
-
MIL-PRF-15305
Resistance to Soldering Heat
Test Condition A
MIL-STD-202, Method 210
Resistance to Solvents
-
MIL-STD-202, Method 215
ORDERING INFORMATION
IMS-2
10 µH
± 10 %
ER
e2
MODEL
INDUCTANCE VALUE
INDUCTANCE TOLERANCE
PACKAGE CODE
JEDEC LEAD (Pb)-FREE STANDARD
GLOBAL PART NUMBER INFORMATION
1
MODEL
00
K
R
E
2
0
M
I
PACKING
CODE
INDUCTANCE
VALUE
TOL.
S



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com