Electronic Components Datasheet Search
  English  ▼

X  

TEA2114 Datasheet(PDF) 2 Page - STMicroelectronics

Part # TEA2114
Description  VIDEO SWITCH
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TEA2114 Datasheet(HTML) 2 Page - STMicroelectronics

  TEA2114 Datasheet HTML 1Page - STMicroelectronics TEA2114 Datasheet HTML 2Page - STMicroelectronics TEA2114 Datasheet HTML 3Page - STMicroelectronics TEA2114 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
8
3
2
6
7
1
6dB
SWITCH
EXT. VIDEO
INT. VIDEO
5
0dB
0dB
75
Ω
V
CC
75
Ω
75
Ω
75
Ω
TEA2114
BLOCK DIAGRAM
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
14
V
Tj
Junction Temperature
- 40, + 150
oC
Tstg
Storage Temperature
- 40, + 150
oC
ELECTRICAL CHARACTERISTICS
TA =25
oC, VCC = 8V (unless otherwise specified)
Symbol
Parameter
Min.
Typ.
Max.
Unit
VCC
Supply Voltage
6.5
13.2
V
ICC
Supply Current (no load Pin 2 and Pin 6)
10
15
mA
ICC
Supply Current (with load 150
Ω on Pin 2 and Pin 6, no video on inputs)
25
mA
INPUTS (Pin 3 and Pin 8)
Video Input Swing
Pin3
Pin8
4
2
VPP
VPP
VDCIN
DC Level Input
1.6
1.9
2.2
V
IIN
Input Bias Current (VDC =VDCIN + 1.5 VDC)2
5
µA
TEA2114
2/4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com