Electronic Components Datasheet Search
  English  ▼

X  

TEA2124 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TEA2124
Description  VIDEO SWITCH
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TEA2124 Datasheet(HTML) 3 Page - STMicroelectronics

  TEA2124 Datasheet HTML 1Page - STMicroelectronics TEA2124 Datasheet HTML 2Page - STMicroelectronics TEA2124 Datasheet HTML 3Page - STMicroelectronics TEA2124 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ELECTRICAL CHARACTERISTICS (continued)
TA = 25
oC, VCC = 8V (unless otherwise specified)
Symbol
Parameter
Min.
Typ.
Max.
Unit
SWITCHED OUTPUT (Pin 6) (RLOAD = 150
Ω)
Video Output Swing
3
4
VPP
DC Level Output
0.7
1
1.3
V
Video Gain (Pin 6 versus Pin 3 or Pin 8, measured at 100kHz, 1 VPP input
signal)
5.5
6
6.5
dB
Video Bandwidth (Pin 6 versus Pin 3 or Pin 8, 1VPP input signal)
12
18
MHz
Output Impedance (measured Pin 6)
1
Ω
EXTERNAL OUTPUT (Pin 2) (RLOAD = 150
Ω)
Video Output Swing
3
4
VPP
DC Level Output
0.7
1
1.3
V
Video Gain (Pin 2 versus Pin 3, measured at 100kHz, 1 VPP input signal)
5.5
6
6.5
dB
Video Bandwidth (Pin 2 versus Pin 3, 1VPP input signal)
12
18
MHz
Output Impedance (measured Pin 2)
1
Ω
SWITCHING INPUT (Pin 5)
Output Current Selection Pin (V5 = 0V)
10
µA
Threshold Voltage
2.5
3.7
5
V
Max DC Level
VCC
V
OTHER DYNAMIC FEATURES
Crosstalk (between any input, measured at 5MHz)
RLOAD = 150
Ω on Pins 2 and 6
RLOAD = 1k
Ω on Pins 2 and 6
- 50
-55
dB
dB
TEA2124
3/4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com