Electronic Components Datasheet Search
  English  ▼

X  

MBRF16H35 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # MBRF16H35
Description  Schottky Barrier Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MBRF16H35 Datasheet(HTML) 3 Page - Vishay Siliconix

  MBRF16H35 Datasheet HTML 1Page - Vishay Siliconix MBRF16H35 Datasheet HTML 2Page - Vishay Siliconix MBRF16H35 Datasheet HTML 3Page - Vishay Siliconix MBRF16H35 Datasheet HTML 4Page - Vishay Siliconix MBRF16H35 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MBR(F,B)16H35 thru MBR(F,B)16H60
Vishay General Semiconductor
Document Number: 88784
Revision: 19-May-08
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
www.vishay.com
3
RATINGS AND CHARACTERISTICS CURVES
(TA = 25 °C unless otherwise noted)
Figure 1. Forward Current Derating Curve
Figure 2. Maximum Non-Repetitive Peak Forward Surge Current
Figure 3. Typical Instantaneous Forward Characteristics
0
5
10
15
20
25
0
50
75
100
125
150
175
MBRF
MBR, MBRB
Case Temperature (°C)
1
10
100
0
25
50
75
100
125
150
Number of Cycles at 60 Hz
T
J = TJ Max.
8.3 ms Single Half Sine-Wave
0.01
0.1
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0
1
10
100
T
J = 150 °C
T
J = 125 °C
T
J = 25 °C
MBR16H35 - MBR16H45
MBR16H50 - MBR16H60
Instantaneous Forward Voltage (V)
Figure 4. Typical Reverse Characteristics
Figure 5. Typical Junction Capacitance
Figure 6. Typical Transient Thermal Impedance
0.0001
0.001
0.1
0.01
1
10
100
MBR16H35 - MBR16H45
MBR16H50 - MBR16H60
020
40
60
80
100
Percent of Rated Peak Reverse Voltage (%)
T
J = 150 °C
T
J = 125 °C
T
J = 25 °C
0.1
1
100
10
1000
100
10 000
T
J = 25 °C
f = 1.0 MHz
V
sig = 50 mVp-p
MBR16H35 - MBR16H45
MBR16H50 - MBR16H60
Reverse Voltage (V)
0.01
0.1
0.1
1
1
10
10
t - Pulse Duration (s)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com