Electronic Components Datasheet Search
  English  ▼

X  

TEA2130 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TEA2130
Description  TV AND SATELLITE DECODER SCANNING PROCESSOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TEA2130 Datasheet(HTML) 1 Page - STMicroelectronics

  TEA2130 Datasheet HTML 1Page - STMicroelectronics TEA2130 Datasheet HTML 2Page - STMicroelectronics TEA2130 Datasheet HTML 3Page - STMicroelectronics TEA2130 Datasheet HTML 4Page - STMicroelectronics TEA2130 Datasheet HTML 5Page - STMicroelectronics TEA2130 Datasheet HTML 6Page - STMicroelectronics TEA2130 Datasheet HTML 7Page - STMicroelectronics TEA2130 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TEA2130
TV AND SATELLITE DECODER SCANNING PROCESSOR
September 1993
DIP20
(Plastic Package)
ORDER CODE : TEA2130
.
AUTOMATIC TIME CONSTANT SWITCHING
FOR VCR
.
DIGITAL VIDEO IDENTIFICATION CIRCUIT
.
500kHz RESONATOR OSCILLATOR
.
NO LINE AND FRAME OSCILLATOR AD-
JUSTMENT
.
DUAL PLL FOR LINE DEFLECTION
.
SUPER SANDCASTLE OUTPUT
.
AUTOMATIC 50Hz/60Hz STANDARD IDENTI-
FICATION
.
EXCELLENT INTERLACING CONTROL
.
FRAME SAFETY INPUT
.
FRAME SAWTOOTH GENERATOR
.
FULLY ESD AND LATCH-UP PROTECTED
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
REFERENCE VOLTAGE
VCR DETECTOR OUTPUT
Φ1 FILTER
GROUND
FRAME SAFETY INPUT
IDENTIFICATION OUTPUT
LINE SAW-TOOTH
CURRENT REFERENCE
LINE MONOSTABLE CAPACITOR
V
CC
NOISE MEASUREMENT OUTPUT
VIDEO INPUT
50% CAPACITOR
VCO INPUT
FRAME SAW-TOOTH OUTPUT
Φ2 FILTER
LINE FLYBACK INPUT
SUPER SANDCASTLE OUTPUT
LINE OUTPUT
FRAME SAW-TOOTH GENERATOR
PIN CONNECTIONS
DESCRIPTION
The TEA2130 is a complete (horizontal and verti-
cal) deflection processor, for TV applications and
all applications which require a flexible, high per-
formance scanning processor (Satellite Decoder,
Video Multimedia).
1/8


Similar Part No. - TEA2130

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TEA2114 STMICROELECTRONICS-TEA2114 Datasheet
27Kb / 4P
VIDEO SWITCH
Sep-1998
TEA2117 STMICROELECTRONICS-TEA2117 Datasheet
465Kb / 8P
Horizontal and vertical deflection monitor
TEA2124 STMICROELECTRONICS-TEA2124 Datasheet
54Kb / 4P
VIDEO SWITCH
Sep-1998
TEA2128 STMICROELECTRONICS-TEA2128 Datasheet
238Kb / 8P
COLOR TV SCANNING AND POWER SUPPLY PROCESSOR
Dec-1992
TEA2164 STMICROELECTRONICS-TEA2164 Datasheet
177Kb / 15P
SWITCH MODE POWER SUPPLY PRIMARY CIRCUIT
Dec-1992
More results

Similar Description - TEA2130

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8043 PHILIPS-TDA8043 Datasheet
95Kb / 16P
Satellite Demodulator and Decoder SDD
1998 Feb 13
TDA8044 PHILIPS-TDA8044 Datasheet
100Kb / 20P
Satellite demodulator and decoder
2000 Feb 21
TDA8083 PHILIPS-TDA8083 Datasheet
87Kb / 16P
Satellite Demodulator and Decoder SDD3
1999 Jul 28
logo
STMicroelectronics
STV0056AF STMICROELECTRONICS-STV0056AF Datasheet
223Kb / 27P
SATELLITE SOUND AND VIDEO PROCESSOR
Feb-1998
STV2161 STMICROELECTRONICS-STV2161 Datasheet
1Mb / 19P
VIDEO SCANNING PSI PROCESSOR
STV2162 STMICROELECTRONICS-STV2162 Datasheet
191Kb / 14P
2H - VIDEO SCANNING PROCESSOR
Jan-1997
TEA2026C STMICROELECTRONICS-TEA2026C Datasheet
491Kb / 10P
COLOR TV SCANNING AND POWER SUPPLY PROCESSOR
Nov 1998
TEA2029C STMICROELECTRONICS-TEA2029C Datasheet
104Kb / 9P
COLOR TV SCANNING AND POWER SUPPLY PROCESSOR
Aug-1993
TEA2028B STMICROELECTRONICS-TEA2028B Datasheet
104Kb / 9P
COLOR TV SCANNING AND POWER SUPPLY PROCESSOR
Aug-1993
TEA2128 STMICROELECTRONICS-TEA2128 Datasheet
238Kb / 8P
COLOR TV SCANNING AND POWER SUPPLY PROCESSOR
Dec-1992
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com