Electronic Components Datasheet Search
  English  ▼

X  

MBR1550CT Datasheet(PDF) 2 Page - Vishay Siliconix

Part # MBR1550CT
Description  Dual Common-Cathode Schottky Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MBR1550CT Datasheet(HTML) 2 Page - Vishay Siliconix

  MBR1550CT Datasheet HTML 1Page - Vishay Siliconix MBR1550CT Datasheet HTML 2Page - Vishay Siliconix MBR1550CT Datasheet HTML 3Page - Vishay Siliconix MBR1550CT Datasheet HTML 4Page - Vishay Siliconix MBR1550CT Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MBR(F,B)1535CT thru MBR(F,B)1560CT
Vishay General Semiconductor
www.vishay.com
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
Document Number: 88670
Revision: 08-Nov-07
2
Note:
(1) Pulse test: 300 µs pulse width, 1 % duty cycle
Note:
(1) Automotive grade AEC Q101 qualified
Storage temperature range
TSTG
- 65 to + 175
°C
Isolation voltage (ITO-220AB only)
from terminal to heatsink t = 1 min
VAC
1500
V
MAXIMUM RATINGS (TC = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
MBR1535CT MBR1545CT MBR1550CT MBR1560CT
UNIT
ELECTRICAL CHARACTERISTICS (TC = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
MBR1535CT MBR1545CT MBR1550CT MBR1560CT
UNIT
Maximum instantaneous
forward voltage per diode (1)
IF = 7.5 A
IF = 7.5 A
IF = 15 A
IF = 15 A
TC = 25 °C
TC = 125 °C
TC = 25 °C
TC = 125 °C
VF
-
0.57
0.84
0.72
0.75
0.65
-
-
V
Maximum instantaneous
reverse current at rated DC
blocking voltage per diode (1)
TC = 25 °C
TC = 125 °C
IR
0.1
15
1.0
50
mA
THERMAL CHARACTERISTICS (TC = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
MBR
MBRF
MBRB
UNIT
Maximum thermal resistance per diode
RθJA
RθJC
60
3.0
-
5.0
60
3.0
°C/W
ORDERING INFORMATION (Example)
PACKAGE
PREFERRED P/N
UNIT WEIGHT (g)
PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
TO-220AB
MBR1545CT-E3/45
1.85
45
50/tube
Tube
ITO-220AB
MBRF1545CT-E3/45
1.99
45
50/tube
Tube
TO-263AB
MBRB1545CT-E3/45
1.35
45
50/tube
Tube
TO-263AB
MBRB1545CT-E3/81
1.35
81
800/reel
Tape reel
TO-220AB
MBR1545CTHE3/45 (1)
1.85
45
50/tube
Tube
ITO-220AB
MBRF1545CTHE3/45 (1)
1.99
45
50/tube
Tube
TO-263AB
MBRB1545CTHE3/45 (1)
1.35
45
50/tube
Tube
TO-263AB
MBRB1545CTHE3/81 (1)
1.35
81
800/reel
Tape reel



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com