Electronic Components Datasheet Search
  English  ▼

X  

MBR1635 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # MBR1635
Description  Schottky Barrier Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MBR1635 Datasheet(HTML) 4 Page - Vishay Siliconix

  MBR1635 Datasheet HTML 1Page - Vishay Siliconix MBR1635 Datasheet HTML 2Page - Vishay Siliconix MBR1635 Datasheet HTML 3Page - Vishay Siliconix MBR1635 Datasheet HTML 4Page - Vishay Siliconix MBR1635 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MBR(F,B)1635 thru MBR(F,B)1660
Vishay General Semiconductor
www.vishay.com
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
Document Number: 88671
Revision: 08-Nov-07
4
PACKAGE OUTLINE DIMENSIONS in inches (millimeters)
TO-220AC
CASE
PIN 2
PIN 1
0.635 (16.13)
0.625 (15.87)
0.415 (10.54) MAX.
0.154 (3.91) DIA.
0.148 (3.74) DIA.
0.113 (2.87)
0.103 (2.62)
0.370 (9.40)
0.360 (9.14)
PIN
12
0.160 (4.06)
0.140 (3.56)
0.057 (1.45)
0.045 (1.14)
0.105 (2.67)
0.095 (2.41)
0.037 (0.94)
0.027 (0.68)
0.205 (5.20)
0.195 (4.95)
0.022 (0.56)
0.014 (0.36)
1.148 (29.16)
1.118 (28.40)
0.560 (14.22)
0.530 (13.46)
0.110 (2.79)
0.100 (2.54)
0.350 (8.89)
0.330 (8.38)
0.145 (3.68)
0.135 (3.43)
0.603 (15.32)
0.573 (14.55)
0.055 (1.39)
0.045 (1.14)
0.185 (4.70)
0.175 (4.44)
ITO-220AC
PIN
1
2
0.025 (0.64)
0.015 (0.38)
0.404 (10.26)
0.384 (9.75)
0.076 (1.93) REF.
0.076 (1.93) REF.
45° REF.
0.600 (15.24)
0.580 (14.73)
0.560 (14.22)
0.530 (13.46)
0.035 (0.89)
0.025 (0.64)
0.205 (5.21)
0.195 (4.95)
0.191 (4.85)
0.171 (4.35)
0.057 (1.45)
0.045 (1.14)
0.671 (17.04)
0.651 (16.54)
0.028 (0.71)
0.020 (0.51)
0.110 (2.79)
0.100 (2.54)
7° REF.
7° REF.
7° REF.
0.350 (8.89)
0.330 (8.38)
0.140 (3.56) DIA.
0.125 (3.17) DIA.
0.135 (3.43) DIA.
0.122 (3.08) DIA.
0.110 (2.79)
0.100 (2.54)
0.190 (4.83)
0.170 (4.32)
TO-263AB
Mounting Pad Layout
0.670 (17.02)
0.591 (15.00)
0.105 (2.67)
0.095 (2.41)
0.08 (2.032) MIN.
0.15 (3.81) MIN.
0.33 (8.38) MIN.
0.42 (10.66) MIN.
12
K
K
0.140 (3.56)
0.110 (2.79)
0.021 (0.53)
0.014 (0.36)
0.110 (2.79)
0.090 (2.29)
0 to 0.01 (0 to 0.254)
0.055 (1.40)
0.047 (1.19)
0.055 (1.40)
0.045 (1.14)
0.190 (4.83)
0.160 (4.06)
0.205 (5.20)
0.195 (4.95)
0.624 (15.85)
0.591 (15.00)
0.037 (0.940)
0.027 (0.686)
0.105 (2.67)
0.095 (2.41)
0.360 (9.14)
0.320 (8.13)
0.411 (10.45)
0.380 (9.65)
0.245 (6.22)
MIN.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com