Electronic Components Datasheet Search
  English  ▼

X  

MBRB745 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # MBRB745
Description  Schottky Rectifier, 7.5 A
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MBRB745 Datasheet(HTML) 1 Page - Vishay Siliconix

  MBRB745 Datasheet HTML 1Page - Vishay Siliconix MBRB745 Datasheet HTML 2Page - Vishay Siliconix MBRB745 Datasheet HTML 3Page - Vishay Siliconix MBRB745 Datasheet HTML 4Page - Vishay Siliconix MBRB745 Datasheet HTML 5Page - Vishay Siliconix MBRB745 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Document Number: 93982
For technical questions, contact: diodes-tech@vishay.com
www.vishay.com
Revision: 22-Aug-08
1
Schottky Rectifier, 7.5 A
MBRB7.. Series
Vishay High Power Products
FEATURES
• 150 °C TJ operation
• High frequency operation
• Low forward voltage drop
• High purity, high temperature epoxy encapsulation for
enhanced mechanical strength and moisture resistance
• Guard ring for enhanced ruggedness and long term
reliability
• Designed and qualified for Q101 level
DESCRIPTION
The MBRB7.. Schottky rectifier series has been optimized
for low reverse leakage at high temperature. The proprietary
barrier technology allows for reliable operation up to 150 °C
junction temperature. Typical applications are in switching
power supplies, converters, freewheeling diodes, and
reverse battery protection.
PRODUCT SUMMARY
IF(AV)
7.5 A
VR
35/45 V
IRM
15 mA at 125 °C
D2PAK
Anode
1
3
Base
cathode
2
N/C
MAJOR RATINGS AND CHARACTERISTICS
SYMBOL
CHARACTERISTICS
VALUES
UNITS
IF(AV)
Rectangular waveform
7.5
A
VRRM
35/45
V
IFSM
tp = 5 µs sine
690
A
VF
7.5 Apk, TJ = 125 °C
0.57
V
TJ
Range
- 65 to 150
°C
VOLTAGE RATINGS
PARAMETER
SYMBOL
MBRB735
MBRB745
UNITS
Maximum DC reverse voltage
VR
35
45
V
Maximum working peak reverse voltage
VRWM
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum average forward current
IF(AV)
TC = 131 °C, rated VR
7.5
A
Non-repetitive peak surge current
IFSM
5 µs sine or 3 µs rect. pulse
Following any rated load condition
and with rated VRRM applied
690
Surge applied at rated load condition halfwave single phase 60 Hz
150
Non-repetitive avalanche energy
EAS
TJ = 25 °C, IAS = 2 A, L = 3.5 mH
7
mJ
Repetitive avalanche current
IAR
Current decaying linearly to zero in 1 µs
Frequency limited by TJ maximum VA = 1.5 x VR typical
2A


Similar Part No. - MBRB745

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
MBRB745 GE-MBRB745 Datasheet
90Kb / 2P
SCHOTTKY RECTIFIER
logo
International Rectifier
MBRB745 IRF-MBRB745 Datasheet
203Kb / 7P
SCHOTTKY RECTIFIER 7.5 Amp
logo
Vishay Siliconix
MBRB745 VISHAY-MBRB745 Datasheet
146Kb / 7P
Schottky Rectifier, 7.5 A
16-Mar-10
logo
Sangdest Microelectroni...
MBRB745 SMC-MBRB745 Datasheet
169Kb / 6P
SCHOTTKY RECTIFIER
logo
Inchange Semiconductor ...
MBRB745 ISC-MBRB745 Datasheet
307Kb / 2P
Schottky Barrier Rectifier
More results

Similar Description - MBRB745

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
15CTQS VISHAY-15CTQS Datasheet
135Kb / 6P
Schottky Rectifier, 2 x 7.5 A
22-Aug-08
MBR745 VISHAY-MBR745 Datasheet
103Kb / 6P
Schottky Rectifier, 7.5 A
22-Aug-08
MBR745PBF VISHAY-MBR745PBF Datasheet
445Kb / 6P
Schottky Rectifier, 7.5 A
20-Aug-08
MBRB735PBF VISHAY-MBRB735PBF Datasheet
101Kb / 6P
Schottky Rectifier, 7.5 A
20-Aug-08
MBRB735PBF VISHAY-MBRB735PBF_10 Datasheet
102Kb / 6P
Schottky Rectifier, 7.5 A
16-Mar-10
MBR735PBF VISHAY-MBR735PBF_12 Datasheet
153Kb / 7P
Schottky Rectifier, 7.5 A
30-Aug-11
VS-MBRB745PBF VISHAY-VS-MBRB745PBF Datasheet
146Kb / 7P
Schottky Rectifier, 7.5 A
16-Mar-10
logo
Nell Semiconductor Co.,...
MBR745 NELLSEMI-MBR745 Datasheet
245Kb / 5P
Schottky Rectifier, 7.5 A
logo
Vishay Siliconix
VS-MBR7PBF VISHAY-VS-MBR7PBF Datasheet
154Kb / 7P
Schottky Rectifier, 7.5 A
30-Aug-11
VS-MBR7PBF VISHAY-VS-MBR7PBF_V01 Datasheet
127Kb / 7P
Schottky Rectifier, 7.5 A
30-Aug-11
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com