Electronic Components Datasheet Search
  English  ▼

X  

MBRB1035 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # MBRB1035
Description  Schottky Rectifier, 10 A
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MBRB1035 Datasheet(HTML) 1 Page - Vishay Siliconix

  MBRB1035 Datasheet HTML 1Page - Vishay Siliconix MBRB1035 Datasheet HTML 2Page - Vishay Siliconix MBRB1035 Datasheet HTML 3Page - Vishay Siliconix MBRB1035 Datasheet HTML 4Page - Vishay Siliconix MBRB1035 Datasheet HTML 5Page - Vishay Siliconix MBRB1035 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Document Number: 93975
For technical questions, contact: diodes-tech@vishay.com
www.vishay.com
Revision: 22-Aug-08
1
Schottky Rectifier, 10 A
MBRB10.. Series
Vishay High Power Products
FEATURES
• 150 °C TJ operation
•D2PAK package
• Low forward voltage drop
• High frequency operation
• High purity, high temperature epoxy encapsulation for
enhanced mechanical strength and moisture resistance
• Guard ring for enhanced ruggedness and long term
reliability
• Designed and qualified for Q101 level
DESCRIPTION
This Schottky rectifier has been optimized for low reverse
leakage at high temperature. The proprietary barrier
technology allows for reliable operation up to 150 °C junction
temperature. Typical applications are in switching power
supplies, converters, freewheeling diodes, and reverse
battery protection.
PRODUCT SUMMARY
IF(AV)
10 A
VR
35/45 V
IRM
15 mA at 125 °C
D2PAK
Anode
1
3
Base
cathode
2
N/C
MAJOR RATINGS AND CHARACTERISTICS
SYMBOL
CHARACTERISTICS
VALUES
UNITS
IF(AV)
Rectangular waveform
10
A
IFRM
TC = 135 °C
20
VRRM
35/45
V
IFSM
tp = 5 µs sine
1060
A
VF
10 Apk, TJ = 125 °C
0.57
V
TJ
Range
- 65 to 150
°C
VOLTAGE RATINGS
PARAMETER
SYMBOL
MBRB1035
MBRB1045
UNITS
Maximum DC reverse voltage
VR
35
45
V
Maximum working peak reverse voltage
VRWM
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum average forward current
IF(AV)
TC = 135 °C, rated VR
10
A
Peak repetitive forward current
IFRM
Rated VR, square wave, 20 kHz, TC = 135 °C
20
Non-repetitive surge current
IFSM
5 µs sine or 3 µs rect. pulse
Following any rated load condition
and with rated VRRM applied
1060
Surge applied at rated load conditions halfwave,
single phase, 60 Hz
150
Non-repetitive avalanche energy
EAS
TJ = 25 °C, IAS = 2 A, L = 4 mH
8
mJ
Repetitive avalanche current
IAR
Current decaying linearly to zero in 1 µs
Frequency limited by TJ maximum VA = 1.5 x VR typical
2A


Similar Part No. - MBRB1035

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
MBRB1035 GE-MBRB1035 Datasheet
71Kb / 2P
SCHOTTKY RECTIFIER
logo
International Rectifier
MBRB1035 IRF-MBRB1035 Datasheet
100Kb / 17P
5-BIT PROGRAMMABLE SYNCHRONOUS BUCK, NON-SYNCHRONOUS,ADJUSTABLE LDO AND 200mA ON-BOARD LDO
logo
GOOD-ARK Electronics
MBRB1035 GOOD-ARK-MBRB1035 Datasheet
255Kb / 3P
Schottky Barrier Rectifiers
logo
International Rectifier
MBRB1035 IRF-MBRB1035 Datasheet
201Kb / 7P
SCHOTTKY RECTIFIER
logo
Vishay Siliconix
MBRB1035 VISHAY-MBRB1035 Datasheet
143Kb / 5P
Schottky Barrier Rectifier
07-May-08
More results

Similar Description - MBRB1035

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
10TQPBF VISHAY-10TQPBF Datasheet
112Kb / 6P
Schottky Rectifier, 10 A
05-Jun-08
10TQS VISHAY-10TQS Datasheet
125Kb / 6P
Schottky Rectifier, 10 A
25-Jun-08
MBR1045PBF VISHAY-MBR1045PBF Datasheet
110Kb / 6P
Schottky Rectifier, 10 A
14-Aug-08
STPS1045BPBF VISHAY-STPS1045BPBF Datasheet
91Kb / 6P
Schottky Rectifier, 10 A
23-Apr-08
10WQ045FNPBF VISHAY-10WQ045FNPBF_11 Datasheet
129Kb / 7P
Schottky Rectifier, 10 A
14-Jan-11
10TQ VISHAY-10TQ_12 Datasheet
144Kb / 7P
Schottky Rectifier, 10 A
05-Jun-08
MBR1035PBF VISHAY-MBR1035PBF_12 Datasheet
157Kb / 7P
Schottky Rectifier, 10 A
29-Aug-11
logo
Kersemi Electronic Co.,...
MBR1045PBF KERSEMI-MBR1045PBF Datasheet
1Mb / 5P
Schottky Rectifier, 10 A
logo
Vishay Siliconix
VS-MBR10PBF VISHAY-VS-MBR10PBF Datasheet
158Kb / 7P
Schottky Rectifier, 10 A
29-Aug-11
VS-10TQPBF VISHAY-VS-10TQPBF Datasheet
167Kb / 7P
Schottky Rectifier, 10 A
11-Oct-11
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com