Electronic Components Datasheet Search
  English  ▼

X  

MBRB2045CT Datasheet(PDF) 5 Page - Vishay Siliconix

Part # MBRB2045CT
Description  Schottky Rectifier, 2 x 10 A
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MBRB2045CT Datasheet(HTML) 5 Page - Vishay Siliconix

  MBRB2045CT Datasheet HTML 1Page - Vishay Siliconix MBRB2045CT Datasheet HTML 2Page - Vishay Siliconix MBRB2045CT Datasheet HTML 3Page - Vishay Siliconix MBRB2045CT Datasheet HTML 4Page - Vishay Siliconix MBRB2045CT Datasheet HTML 5Page - Vishay Siliconix MBRB2045CT Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Document Number: 93978
For technical questions, contact: diodes-tech@vishay.com
www.vishay.com
Revision: 21-Aug-08
5
MBRB20..CT/MBR20..CT-1
Schottky Rectifier, 2 x 10 A
Vishay High Power Products
ORDERING INFORMATION TABLE
1
-
Essential part number
2
-
B = D2PAK
6 None
None = TO-262
6 = -1
3
-
Current rating (20 = 20 A)
4
-
Voltage ratings
5
-
CT = Essential part number
6
None = D2PAK
2 = B
-1 = TO-262
2 None
7
-
None = Tube (50 pieces)
TRL = Tape and reel (left oriented - for D2PAK only)
TRR = Tape and reel (right oriented - for D2PAK only)
8
-
None = Standard production
PbF = Lead (Pb)-free (for TO-262 and D2PAK tube)
P = Lead (Pb)-free (for D2PAK TRR and TRL)
35 = 35 V
45 = 45 V
Device code
5
13
24
67
8
MBR
B
20
45
CT
-1
TRL
-
LINKS TO RELATED DOCUMENTS
Dimensions
http://www.vishay.com/doc?95014
Part marking information
http://www.vishay.com/doc?95008
Packaging information
http://www.vishay.com/doc?95032



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com