Electronic Components Datasheet Search
  English  ▼

X  

2SC1061 Datasheet(PDF) 1 Page - Mospec Semiconductor

Part # 2SC1061
Description  POWER TRANSISTORS(3.0A,50V,25W)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor

2SC1061 Datasheet(HTML) 1 Page - Mospec Semiconductor

  2SC1061 Datasheet HTML 1Page - Mospec Semiconductor 2SC1061 Datasheet HTML 2Page - Mospec Semiconductor 2SC1061 Datasheet HTML 3Page - Mospec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
A


Similar Part No. - 2SC1061

ManufacturerPart #DatasheetDescription
logo
Wing Shing Computer Com...
2SC1061 WINGS-2SC1061 Datasheet
69Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR(LOW FREQUENCY POWER AMPLIFIER)
logo
List of Unclassifed Man...
2SC1061 ETC-2SC1061 Datasheet
46Kb / 1P
LOW FREQUENCY POWER AMPLIFIER Complementary pair with 2SA670 and 2SA671
logo
Savantic, Inc.
2SC1061 SAVANTIC-2SC1061 Datasheet
90Kb / 4P
Silicon NPN Power Transistors
logo
Quanzhou Jinmei Electro...
2SC1061 JMNIC-2SC1061 Datasheet
212Kb / 4P
Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
2SC1061 ISC-2SC1061 Datasheet
168Kb / 4P
Silicon NPN Power Transistors
More results

Similar Description - 2SC1061

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N3740 MOSPEC-2N3740 Datasheet
120Kb / 3P
POWER TRANSISTORS(4A,25W)
2N4898 MOSPEC-2N4898 Datasheet
180Kb / 4P
POWER TRANSISTORS(1A, 25W)
2SA1012 MOSPEC-2SA1012 Datasheet
116Kb / 3P
POWER TRANSISTORS(5A,50V,25W)
2SA671 MOSPEC-2SA671 Datasheet
116Kb / 3P
POWER TRANSISTORS(3.0A,50V,25W)
logo
Rohm
2SCR533PT100 ROHM-2SCR533PT100 Datasheet
384Kb / 8P
NPN 3.0A 50V Middle Power Transistor
2SCR573D ROHM-2SCR573D Datasheet
800Kb / 7P
NPN 3.0A 50V Middle Power Transistor
2SAR573D3 ROHM-2SAR573D3 Datasheet
1Mb / 11P
PNP -3.0A -50V Power Transistor
2SCR573D3 ROHM-2SCR573D3 Datasheet
1Mb / 11P
NPN 3.0A 50V Power Transistor
2SAR573D3FRA ROHM-2SAR573D3FRA Datasheet
1Mb / 10P
PNP -3.0A -50V Power Transistor
2SCR573D3FRA ROHM-2SCR573D3FRA Datasheet
1Mb / 10P
NPN 3.0A 50V Power Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com