Electronic Components Datasheet Search
  English  ▼

X  

TEA3718 Datasheet(PDF) 6 Page - STMicroelectronics

Part # TEA3718
Description  STEPPER MOTOR DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TEA3718 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TEA3718 Datasheet HTML 2Page - STMicroelectronics TEA3718 Datasheet HTML 3Page - STMicroelectronics TEA3718 Datasheet HTML 4Page - STMicroelectronics TEA3718 Datasheet HTML 5Page - STMicroelectronics TEA3718 Datasheet HTML 6Page - STMicroelectronics TEA3718 Datasheet HTML 7Page - STMicroelectronics TEA3718 Datasheet HTML 8Page - STMicroelectronics TEA3718 Datasheet HTML 9Page - STMicroelectronics TEA3718 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
ELECTRICAL CHARACTERISTICS (VCC = 5V,
± 5%, Vmm = 10V to 45V, Tamb = 0 to 70
°C
(Tamb =25
°C for TEA3718FP/SFP) unless otherwise specified)
Symbo l
Parameter
Min .
T yp.
Max.
Uni t
ICC
Supply Current
-
-
25
mA
VIH
High Level Input Voltage - Logic Inputs
2
-
-
V
VIL
Low Level Input Voltage - Logic Inputs
-
-
0.8
V
IIH
High Level Input Current - Logic Inputs
-
-
20
µA
IIL
Low Level Input Current - Logic Inputs (VI = 0.4V)
-0.4
-
-
mA
VCH
VCM
VCL
Comparator Thershold Voltage (VR = 5V)
IO =0
IO =0
IO =0
I1 =0
I1 =0
I1 =1
390
230
65
420
250
80
440
270
90
mV
mV
mV
ICO
Comparator Input Current
-20
-
20
µA
Ioff
Output Leakage Current (IO =0, I1 =1 Tamb =25
°C
-
-
100
µA
Vsat
Total Saturation Voltage Drop (Im = 1A)
SO20/Powerdip
Multiwatt
-
-
-
-
2.8
3.2
V
V
Ptot
Total Power Disssipation - Im = 1A, fs = 30KHz
-
3.1
3.6
W
toff
Cut off Time (see figure 1 and 2, Vmm = 10V, Vton >5
µs
253035
ms
td
Turn off Delay (see fig. 1 and 2, Tamb =25
°C, dVC/dt>50mV/µs)
-
1.6
-
µs
Vsat
Alarm Output Saturation Voltage - IO = 2mA
(Multiwatt)
-
0.8
-
V
Iref
Reference Input Current, VR = 5V
-
0.4
1
mA
Vsat
Source Diode Transistor Pair Saturation
Voltage
Powerdip Im = 0.5A
Powerdip Im =1A
-
-
1.05
1.35
1.2 (1.3)
1.5 (1.7)
V
V
Multiwatt Im = 0.5A
Multiwatt Im =1A
-
-
-
-
1.3
1.7
V
V
Vf
Diode Forward Voltage
If = 0.5A
If =1A
-
-
1.1
1.25
1.5 (1.6)
1.7 (1.9)
V
V
Isub
Substrate Leakage Current
If =1A
-
-
5
mA
Vsat
Sink Diode Transistor Pair Saturation
Voltage
Powerdip Im = 0.5A
Powerdip Im =1A
-
-
1
1.2
1.2 (1.3)
1.3 (1.5)
V
V
Multiwatt Im = 0.5A
Multiwatt Im =1A
-
-
-
-
1.3
1.5
V
V
Vf
Diode Forward Voltage
If = 0.5A
If =1A
-
-
1
1.1
1.4 (1.6)
1.5 (1.9)
V
V
Notes:
(...) Only for TEA3718SFP mounted in SO-20L package.
TEA3718-TEA3718S
6/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com