Electronic Components Datasheet Search
  English  ▼

X  

PL-14 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # PL-14
Description  Low Power Transformers Single Primary, Input 115 Volts Dual Secondary: PL-11 thru -14, Single Secondary: PL-32 thru -34
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PL-14 Datasheet(HTML) 2 Page - Vishay Siliconix

  PL-14 Datasheet HTML 1Page - Vishay Siliconix PL-14 Datasheet HTML 2Page - Vishay Siliconix PL-14 Datasheet HTML 3Page - Vishay Siliconix PL-14 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PL-11, -12, -13, -14, -32, -33, -34
Vishay Dale
Document Number: 34071
For technical questions contact magnetics@vishay.com
www.vishay.com
Revision: 10-Aug-06
3
OUTPUT VOLTAGE TABLE
DUAL SECONDARY
SINGLE SECONDARY
MODEL
OUTPUT VOLTAGE
OUTPUT CURRENT
(mA)
MODEL
OUTPUT
VOLTAGE
OUTPUT
CURRENT
(mA)
SERIES
PARALLEL
SERIES
PARALLEL
PL-32-01
PL-33-01
PL-34-01
6.4 V
200
700
1300
PL-11-01
PL-12-01
PL-13-01
PL-14-01
8
VCT
4 V
94
188
562
940
188
376
1124
1880
PL-11-02
PL-12-02
PL-13-02
PL-14-02
10
VCT
5 V
75
120
440
1000
150
240
880
2000
PL-32-02
PL-33-02
PL-34-02
10 V
120
450
800
PL-11-03
PL-12-03
PL-13-03
PL-14-03
12.6
VCT
6.3 V
60
100
350
800
120
200
700
1600
PL-32-03
PL-33-03
PL-34-03
12.6 V
100
350
650
PL-11-04
PL-12-04
PL-13-04
PL-14-04
15
VCT
7.5 V
50
100
300
500
100
200
600
1000
PL-32-04
PL-33-04
PL-33-04
15 V
80
300
550
PL-11-05
PL-12-05
PL-13-05
PL-14-05
16
VCT
8 V
47
75
260
640
94
150
520
1280
PL-11-06
PL-12-06
PL-13-06
PL-14-06
20
VCT
10 V
38
60
220
500
76
120
440
1000
PL-32-05
PL-33-05
PL-34-05
20 V
60
225
400
PL-11-07
PL-12-07
PL-13-07
PL-14-07
24
VCT
12 V
31
50
180
450
62
100
360
900
PL-32-06
PL-33-06
PL-34-06
24 V
50
185
330
PL-11-08
PL-12-08
PL-13-08
PL-14-08
30
VCT
15 V
25
50
150
250
50
100
300
500
PL-32-07
PL-33-07
PL-34-07Z
30 V
40
150
270
PL-11-09
PL-12-09
PL-13-09
PL-14-09
34
VCT
17 V
22
35
125
300
44
70
250
600
PL-11-10
PL-12-10
PL-13-10
PL-14-10
40
VCT
20 V
19
30
110
250
38
60
220
500
PL-12-11
PL-13-11
PL-14-11
54
VCT
27 V
28
84
140
56
168
280
PL-32-08
PL-33-08
PL-34-08
54 V
22
80
150
PL-12-12
PL-13-12
PL-14-12
56
VCT
28 V
20
80
180
40
160
360
PL-12-13
PL-13-13
PL-14-13
76
VCT
38 V
20
60
100
40
120
200
PL-32-09
PL-33-09
PL-34-09
76 V
16
60
110
PL-12-14
PL-13-14
PL-14-14
88
VCT
44 V
15
50
120
30
100
240
PL-32-10
PL-33-10
PL-34-10
88 V
14
50
90
PL-32-11
PL-33-11
PL-34-11
115 V
10
40
70
PL-12-15
PL-13-15
PL-14-15
120
VCT
60 V
10
35
85
20
70
170
PL-12-16
PL-13-16
PL-14-16
180
VCT
90 V
6
24
55
12
48
110
PL-32-12
PL-33-12
PL-34-12
180 V
7
25
45
PL-12-17
PL-13-17
PL-14-17
230
VCT
115 V
5
20
40
10
40
80
PL-32-13
PL-33-13
PL-34-13
230 V
5
20
35



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com