Electronic Components Datasheet Search
  English  ▼

X  

PL-23 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # PL-23
Description  Low Power Transformers Dual Primary - Dual secondary 115/230 Volts
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PL-23 Datasheet(HTML) 3 Page - Vishay Siliconix

  PL-23 Datasheet HTML 1Page - Vishay Siliconix PL-23 Datasheet HTML 2Page - Vishay Siliconix PL-23 Datasheet HTML 3Page - Vishay Siliconix PL-23 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PL-22, -23, -24, -42, -43, -44
Vishay Dale
Document Number: 34072
For technical questions contact magnetics@vishay.com
www.vishay.com
Revision: 10-Aug-06
157
DIMENSIONAL CONFIGURATIONS (Reference) [Numbers in brackets indicate millimeters]
MODEL
A
B
C
D
E
F
G
H
PL-22
PL-42
1.43
[36.32]
1.20
[30.48]
0.200
[5.08]
1.19
[30.23]
1.0
[25.40]
0.125
[3.18]
1.75
[44.45]
2.12
[53.85]
PL-23
PL-43
1.68
[42.67]
1.38
[35.05]
0.250
[6.35]
1.30
[33.02]
1.10
[27.94]
0.125
[3.18]
2.0
[50.80]
2.44
{61.98]
PL-24
PL44
1.93
[49.02]
1.64
[41.66]
0.250
[6.35]
1.48
[37.59]
1.30
[33.02]
0.188
[4.78]
2.38
[60.45]
2.88
[73.15]
PART MARKING
- Vishay Dale
- Model
- Date code
ORDERING INFORMATION
PL-22
01
A
B
EB
e2
MODEL
OUTPUT VOLTAGE
AND CURRENT
MOUNTING FRAME
(If not required, leave blank)
BOBBIN STANDOFF
(If not required, leave blank)
PACKAGE
CODE
JEDEC LEAD
(Pb)-FREE STANDARD
GLOBAL PART NUMBER
8 7 6 5
1 2 3 4
8 7 6 5
1 2 3 4
D
E
A
0.041
[1.04]
Typ.
B
0.150
[3.81]
Min.
C
PC Terminal
(Plug in
Mounting)
Basic Style
F
2 Places
8 7 6 5
1 2 3 4
0.250
[6.35]
Typ.
L
C
0.031 [.787]
2 Places
“A” Type of Mounting Frame
L
C
G
H
8 7 6 5
1 2 3 4
0.188
[4.78]
Dia.
2 Holes
“B” Type of Mounting Frame
MODEL
P
L
2
2
OUTPUT VOLTAGE
AND CURRENT
0
1
BOBBIN STANDOFF
(If not required, leave blank)
B
MOUNTING FRAME
(If not required, leave blank)
A
PACKAGE
CODE
E
B



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com