Electronic Components Datasheet Search
  English  ▼

X  

PL-43 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # PL-43
Description  Low Power Transformers Dual Primary - Dual secondary 115/230 Volts
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PL-43 Datasheet(HTML) 1 Page - Vishay Siliconix

  PL-43 Datasheet HTML 1Page - Vishay Siliconix PL-43 Datasheet HTML 2Page - Vishay Siliconix PL-43 Datasheet HTML 3Page - Vishay Siliconix PL-43 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PL-22, -23, -24, -42, -43, -44
Vishay Dale
Document Number: 34072
For technical questions contact magnetics@vishay.com
www.vishay.com
Revision: 10-Aug-06
155
Low Power Transformers
Dual Primary - Dual secondary
115/230 Volts
RoHS
COMPLIANT
ELECTRICAL SPECIFICATIONS
Input Voltage: 115 V 60 Hz or 230 V 50 - 60 Hz
Output Power Rating:
PL-22, PL-42 = 1.5 VA
PL-23, PL-43 = 4.5 VA
PL-24, PL-44 = 10.0 VA
Dielectric
Strength:
Between
primary
windings
and
secondary windings and core:
PL-22, PL-23, PL-24 = 1500 V
PL-42, PL-43, PL-44 = 2500 V
Between secondary windings to core: All units = 1000 V
From primary to primary windings: All units = 500 V
From secondary to secondary windings: All units = 500 V
MECHANICAL SPECIFICATIONS
Temperature Class:
PL22, PL-23, PL-24: Insulation Class A, 105 °C
PL-42, PL43, PL-44: Insulation Class B, 130 °C
A UL approved Class B Insulation System can be funished
on request.
Terminals: Brass, solder coated
Weight: (reference)
PL-22, PL-42 = 100 grams
PL-23, PL-43 = 160 grams
PL-24, PL-44 = 240 grams
FEATURES
• PC pin mounting
• Provides isolation from power line
• Dual Primary for operation at 115 V or 230 V,
50/60 Hz
• Dual Secondary for series connection obtains twice
winding voltage with center tap or for parallel connection
obtains twice winding current rating
• Modification to these standard items are available as
speciality products
• Laminated construction for low-cost industrial applications,
including power supplies, controls and instrumentation
• Mounting bracktes and bobbin standoff are available
• PL-22, PL-23, PL-24: Concentric windings for increased
coupling, decreased leakage reactance and improved
regulation
• PL-42, PL-43, PL-44: Split-section winding for increased
dielectric strength between primary and secondary
windings plus reduced interwinding capacitance
PL-22, PL-23, PL-24
PL-42, PL-43, PL-44
SCHEMATICS
Basic Style
1
4
5
6
8
7
2
3
Options
1
2
3
4
Secondary
Series Connected
5
6
7
8
5
6
7
8
1
2
3
4
Primary Series
Connected
230 V
Input
Volts
Output
Secondary
Parallel Connected
7
8
5
1
2
6
3
4
Primary
Parallel Connected
Volts
Output
7
6
8
4
2
5
3
115 V
Input
1


Similar Part No. - PL-43

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PL-43 VISHAY-PL-43 Datasheet
192Kb / 6P
Low Power Transformers Dual Primary - Dual secondary 115/230 Volts
11-Dec-02
More results

Similar Description - PL-43

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PL-22 VISHAY-PL-22 Datasheet
192Kb / 6P
Low Power Transformers Dual Primary - Dual secondary 115/230 Volts
11-Dec-02
logo
First Components Intern...
FBM12-10 FCI-FBM12-10 Datasheet
40Kb / 1P
12VA Dual Primary 115V-230V, 50/60HZ Transformers
logo
Vishay Siliconix
PL-11 VISHAY-PL-11 Datasheet
117Kb / 4P
Low Power Transformers Single Primary, Input 115 Volts Dual Secondary: PL-11 thru -14, Single Secondary: PL-32 thru -34
10-Aug-06
logo
Premier Magnetics, Inc.
PLP-102 PMI-PLP-102 Datasheet
41Kb / 3P
LOW PROFILE DUAL BOBBIN HIGH ISOLATION POWER TRANSFORMERS
logo
Volgen Kaga Electronics...
MSD15-2412 VOLGEN-MSD15-2412 Datasheet
63Kb / 3P
Primary-Secondary Isolation Voltage
MSS15-2403 VOLGEN-MSS15-2403 Datasheet
144Kb / 6P
Primary-Secondary Isolation Voltage
logo
Vishay Siliconix
PL1112 VISHAY-PL1112 Datasheet
104Kb / 4P
Low Power Through-Hole Transformers, Single Primary, Input 115 V Dual Secondary: PL-11 thru PL-14, Single Secondary: PL-32 thru PL-34
06-Dec-11
logo
List of Unclassifed Man...
74092 ETC2-74092 Datasheet
28Kb / 1P
Primary / Secondary Insulation ??4000V
logo
TRIAD MAGNETICS
F-366XP TRIAD-F-366XP Datasheet
172Kb / 3P
POWER TRANSFORMER PC Mount Dual Primary
logo
Pulse A Technitrol Comp...
A6801 PULSE-A6801 Datasheet
53Kb / 2P
GIGABIT DUAL TRANSFORMERS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com