Electronic Components Datasheet Search
  English  ▼

X  

MBR20100CTGTLP Datasheet(PDF) 4 Page - Vishay Siliconix

Part # MBR20100CTGTLP
Description  Schottky Rectifier, 2 x 10 A
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MBR20100CTGTLP Datasheet(HTML) 4 Page - Vishay Siliconix

  MBR20100CTGTLP Datasheet HTML 1Page - Vishay Siliconix MBR20100CTGTLP Datasheet HTML 2Page - Vishay Siliconix MBR20100CTGTLP Datasheet HTML 3Page - Vishay Siliconix MBR20100CTGTLP Datasheet HTML 4Page - Vishay Siliconix MBR20100CTGTLP Datasheet HTML 5Page - Vishay Siliconix MBR20100CTGTLP Datasheet HTML 6Page - Vishay Siliconix MBR20100CTGTLP Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.vishay.com
For technical questions, contact: diodes-tech@vishay.com
Document Number: 94517
4
Revision: 08-Oct-08
MBRB20...CTGPbF/MBR20...CTG-1PbF
Vishay High Power Products
Schottky Rectifier,
2 x 10 A
Fig. 1 - Maximum Forward Voltage Drop Characteristics
(Per Leg)
Fig. 2 - Typical Values of Reverse Current vs.
Reverse Voltage (Per Leg)
Fig. 3 - Typical Junction Capacitance vs.
Reverse Voltage (Per Leg)
Fig. 4 - Maximum Thermal Impedance ZthJC Characteristics (Per Leg)
1
10
100
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
FM
T = 150°C
T = 125°C
T = 25°C
J
J
J
Forward Voltage Drop - V
(V)
0.0001
0.001
0.01
0.1
1
10
100
0
20406080
100
R
125°C
100°C
75°C
50°C
25°C
Reverse Voltage - V
(V)
T = 150°C
J
10
100
1000
020
40
60
80
100
R
Reverse Voltage - V
(V)
T = 25°C
J
0.01
0.1
1
10
0.00001
0.0001
0.001
0.01
0.1
1
10
t , Rec ta ng ular Pulse Duration (Sec onds)
Single Pulse
(Thermal Resistance)
1
Notes:
1. Duty fac tor D = t / t
2. Peak T = P
x Z
+ T
1
2
J
thJC
C
DM
D = 0.75
D = 0.50
D = 0.33
D = 0.25
D = 0.20
2
t
1
t
P
DM



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com