Electronic Components Datasheet Search
  English  ▼

X  

TEA5114 Datasheet(PDF) 2 Page - STMicroelectronics

Part # TEA5114
Description  RGB SWITCHING CIRCUIT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TEA5114 Datasheet(HTML) 2 Page - STMicroelectronics

  TEA5114 Datasheet HTML 1Page - STMicroelectronics TEA5114 Datasheet HTML 2Page - STMicroelectronics TEA5114 Datasheet HTML 3Page - STMicroelectronics TEA5114 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
18
V
Tj
Junction Temperature
– 40 to 150
°C
Tstg
Storage Temperature
– 40 to 150
°C
ZL
Minimum Load Resistor on Each Output
VCC =12 V
VCC =10 V
300
150
Ω
Ω
Tamb
Operating Ambient Temperature
0 to 70
°C
THERMAL DATA
Symbol
Parameter
Value
Unit
Rth(j-a)
Junction-ambient Thermal Resistance
80
°C/W
ELECTRICAL OPERATING CHARACTERISTICS
Tamb =25
°C, VCC =12 V, ZL (RGB) = 300 Ω
VCC =10 V, ZL (RGB) = 150
Ω (unless otherwise specified)
Symbol
Parameter
Min.
Typ.
Max.
Unit
VCC
Supply Voltage
9
12
13.2
V
ICC
Supply Current without Load
VCC =12 V
20
30
40
mA
VON
Black Level Output Voltage (on pins 11, 13, 16 square wave
output signal 1 kHz - 1 Vpp)
Tj =25
°C (5mV/°C typical variation)
1.8
2.5
2.9
V
GRGB
Gain of Each Channel Pins 11, 13, 16
F = 1 MHz , Vin = 0.5 Vpp
5
5.5
6
dB
BRGB
Bandwidth (– 3 dB)
VO =1 Vpp
18
22
MHz
VGC
Threshold Output Voltage for Gain Changing (– 0.5 dB)
2
Vpp
VR
Video Rejection between Two Inputs R, G or B
F = 1 MHz Sinus VO =1 Vpp
50
55
dB
ZIRGB
Input Impedance on Pins 1, 3, 4, 5, 6, 7
VO =1 Vpp
10
k
Ω
ZORGB
R, G, B Output Impedance on Pins 11, 13, 16
15
Ω
TFB
FB rising and falling time on pin 9.
1 Vpp Input Voltage Pins 8, 10
20
ns
VIHFB
FB High Level Input Voltage on Pins 8, 10, 12, 15
1
4
V
VILFB
FB Low Level Input Voltage on Pins 8, 10, 12, 15
0
0.4
V
ZIFB
Input Impedance on Pins 8, 10, 12, 15
0.7
1
1.3
k
Ω
VOHFB
High Level FB Output Voltage (pin 9)
Input 1 V on Pins 8, 10
0.8
1
1.2
V
VOLFB
Low Level FB Output (pin 9)
Input 0 V on Pins 8, 10
0.3
V
ZOFB
FB Output Impedance
Pin 9 High Level
30
Ω
TdFBRGB
Delay Time between FB Inputs and R, G, B Switching
20
ns
TEA5114A
2/4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com