Electronic Components Datasheet Search
  English  ▼

X  

SOGC46 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SOGC46
Description  Thick Film Resistor Networks, Dual-In-Line Small Outline Molded Dip 45 & 46 Schematics
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SOGC46 Datasheet(HTML) 1 Page - Vishay Siliconix

  SOGC46 Datasheet HTML 1Page - Vishay Siliconix SOGC46 Datasheet HTML 2Page - Vishay Siliconix SOGC46 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Thick Film Resistor Networks, Dual-In-Line
Small Outline Molded Dip 45 & 46 Schematics
www.vishay.com
For technical questions, contact: ff2aresistors@vishay.com
Document Number: 31507
324
Revision: 21-Aug-06
SOGC 45, 46
Vishay Dale
FEATURES
• 0.110" [2.79] maximum seated height
• Rugged, molded case construction
• 0.050" [1.27] lead spacing
• Reduces total assembly costs
• Compatible with automatic surface mounting
equipment
• Uniform performance characteristics
• Meets EIA PDP 100, SOGN-0003 outline dimensions
• Available in tube pack or tape and reel pack
• Lead (Pb)-free version is RoHS compliant
* Pb containing terminations are not RoHS compliant, exemptions may apply
Available
RoHS*
COMPLIANT
e1
STANDARD ELECTRICAL SPECIFICATIONS
GLOBAL
MODEL
CIRCUIT
SCHEMATIC
RESISTOR
CIRCUIT
W at 70 °C
PACKAGE
POWER
W at 70 °C
TOLERANCE
± %
RESISTANCE
VALUES
Ω
OPERATING
VOLTAGE
VDC
TEMPERATURE
COEFFICIENT
± ppm/°C
SOGC16
45
0.1
1.6
2
180, 270, 820
50 max
100
46
0.1
1.6
2
330, 150, 330
50 max
100
SOGC20
45
0.1
2.0
2
180, 270, 820
50 max
100
46
0.1
2.0
2
330, 150, 330
50 max
100
TECHNICAL SPECIFICATIONS
PARAMETER
UNIT
S0GC16
SOGC20
Package Power Rating (Maximum at + 70 °C)
W
1.6
2.0
TCR Tracking (- 55 °C to + 125 °C)
ppm/°C
± 50
Voltage Coefficient of Resistance
ppm/V
< 50 typical
Maximum Operating Voltage
VDC
50
Operating Temperature Range
°C
- 55 to + 125
Storage Temperature Range
°C
- 55 to + 150
MECHANICAL SPECIFICATIONS
Marking
Model number, schematic number, value, tolerance, pin 1 indicator, date code
Marking Resistance to Solvents
Permanency testing per MIL-STD-202, Method 215
Maximum Solder Reflow Temperature
+ 255 °C
Solderability
Per MIL-STD-202, Method 208E
Terminals
Copper alloy. Solder dipped terminal
Body
Molded epoxy
GLOBAL MODEL
PIN COUNT
SCHEMATIC
PACKAGING
SPECIAL
SOGC
16
45 = TTL/ECL Translator
EJ = Lead (Pb)-free, Tube
Blank = Standard
20
46 = Signal Terminator
EA = Lead (Pb)-free, Tape & Reel
(Dash Number)
DC = Tin/Lead, Tube(up to 3 digits)
RZ = Tin/Lead, Tape & Reel
From 1-999 as applicable
GLOBAL PART NUMBER INFORMATION
New Global Part Numbering: SOGC1646DC (preferred part numbering format)
S
O
GC
1
6
4
6
DC
Historical Part Number example: SOGC1646 (will continue to be accepted)
SOGC
16
46
D02
HISTORICAL MODEL
PIN COUNT
SCHEMATIC
PACKAGING


Similar Part No. - SOGC46

ManufacturerPart #DatasheetDescription
logo
Vaishali Semiconductor
SOGC-01 VAISH-SOGC-01 Datasheet
156Kb / 2P
Thick Film Resistor Networks, Dual-In-Line, Small Outline Molded Dip, 01, 03, 05 Schematics, 16 or 20 Pins
SOGC-03 VAISH-SOGC-03 Datasheet
156Kb / 2P
Thick Film Resistor Networks, Dual-In-Line, Small Outline Molded Dip, 01, 03, 05 Schematics, 16 or 20 Pins
SOGC-05 VAISH-SOGC-05 Datasheet
156Kb / 2P
Thick Film Resistor Networks, Dual-In-Line, Small Outline Molded Dip, 01, 03, 05 Schematics, 16 or 20 Pins
SOGC-16 VAISH-SOGC-16 Datasheet
156Kb / 2P
Thick Film Resistor Networks, Dual-In-Line, Small Outline Molded Dip, 01, 03, 05 Schematics, 16 or 20 Pins
SOGC-20 VAISH-SOGC-20 Datasheet
156Kb / 2P
Thick Film Resistor Networks, Dual-In-Line, Small Outline Molded Dip, 01, 03, 05 Schematics, 16 or 20 Pins
More results

Similar Description - SOGC46

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MDP16 VISHAY-MDP16 Datasheet
226Kb / 4P
Thick Film Resistor Networks, Dual-In-Line, Molded DIP, 01, 03, 05 Schematics
06-Aug-02
MDP1645 VISHAY-MDP1645 Datasheet
89Kb / 2P
Thick Film Resistor Networks, Dual-In-Line, Molded DIP
08-Sep-04
logo
Vaishali Semiconductor
SOGC01 VAISH-SOGC01 Datasheet
156Kb / 2P
Thick Film Resistor Networks, Dual-In-Line, Small Outline Molded Dip, 01, 03, 05 Schematics, 16 or 20 Pins
logo
Vishay Siliconix
SOGC01 VISHAY-SOGC01 Datasheet
120Kb / 5P
Thick Film Resistor Networks, Dual-In-Line Small Outline Molded Dip, 01, 03, 05 Schematics
25-Aug-06
MDP01 VISHAY-MDP01 Datasheet
302Kb / 5P
Thick Film Resistor Networks, Dual-In-Line, Molded DIP, 01, 03, 05 Schematics
28-Jul-06
MDP45 VISHAY-MDP45 Datasheet
276Kb / 3P
Thick Film Resistor Networks, Dual-In-Line, Molded DIP
28-Jul-06
SOMC16012K20GEA VISHAY-SOMC16012K20GEA Datasheet
133Kb / 4P
Thick Film Resistor Networks, Dual-In-Line, Medium Body, Small Outline, Molded DIP, Surface Mount
20-May-10
MDP01 VISHAY-MDP01_17 Datasheet
120Kb / 5P
Thick Film Resistor Networks, Dual-In-Line, Molded DIP
12-Sep-13
MDP45 VISHAY-MDP45_17 Datasheet
97Kb / 3P
Thick Film Resistor Networks, Dual-In-Line, Molded DIP
29-Nov-13
SOMC VISHAY-SOMC_V01 Datasheet
110Kb / 5P
Thick Film Resistor Networks, Dual-In-Line, Medium Body, Small Outline, Molded DIP, Surface Mounts
18-Apr-17
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com