Electronic Components Datasheet Search
  English  ▼

X  

ST083SPBF Datasheet(PDF) 4 Page - Vishay Siliconix

Part # ST083SPBF
Description  Inverter Grade Thyristors (Stud Version), 85 A
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ST083SPBF Datasheet(HTML) 4 Page - Vishay Siliconix

  ST083SPBF Datasheet HTML 1Page - Vishay Siliconix ST083SPBF Datasheet HTML 2Page - Vishay Siliconix ST083SPBF Datasheet HTML 3Page - Vishay Siliconix ST083SPBF Datasheet HTML 4Page - Vishay Siliconix ST083SPBF Datasheet HTML 5Page - Vishay Siliconix ST083SPBF Datasheet HTML 6Page - Vishay Siliconix ST083SPBF Datasheet HTML 7Page - Vishay Siliconix ST083SPBF Datasheet HTML 8Page - Vishay Siliconix ST083SPBF Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
www.vishay.com
For technical questions, contact: ind-modules@vishay.com
Document Number: 94334
4
Revision: 25-Jul-08
ST083SPbF Series
Vishay High Power Products Inverter Grade Thyristors
(Stud Version), 85 A
Note
• The table above shows the increment of thermal resistance RthJC when devices operate at different conduction angles than DC
Fig. 1 - Current Ratings Characteristics
Fig. 2 - Current Ratings Characteristics
Fig. 3 - On-State Power Loss Characteristics
ΔR
thJC CONDUCTION
CONDUCTION ANGLE
SINUSOIDAL CONDUCTION
RECTANGULAR CONDUCTION
TEST CONDITIONS
UNITS
180°
0.034
0.025
TJ = TJ maximum
K/W
120°
0.041
0.042
90°
0.052
0.056
60°
0.076
0.079
30°
0.126
0.127
ST083S Series
R
thJC (DC) = 0.195 K/W
110
100
90
80
130
030
60
90
Average On-State Current (A)
10
40
70
20
50
80
120
30°
60°
90° 120°
180°
Ø
Conduction angle
ST083S Series
R
thJC (DC) = 0.195 K/W
110
100
90
70
130
060
120
140
Average On-State Current (A)
20
80
40
100
120
30°
60°
90°
120°
180°
80
DC
Ø
Conduction period
0
20
40
60
80
100
120
140
160
180
0
1020
30
40
50
6070
8090
180°
120°
90°
60°
30°
RMS limit
Conduction angle
Average On-State Current (A)
ST083S Series
T
J = 125 °C
Ø
Maximum Allowable Ambient Temperature (°C)
0
20
25
50
75
100
125
40
60
80
100
120
140
160
180
0.2
K/W
0.3
K/W
0.4
K/W
0.5
K/W
0.8
K/W
1.2 K/W



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com