Electronic Components Datasheet Search
  English  ▼

X  

ST110SPBF Datasheet(PDF) 2 Page - Vishay Siliconix

Part # ST110SPBF
Description  Phase Control Thyristors (Stud Version), 110 A
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ST110SPBF Datasheet(HTML) 2 Page - Vishay Siliconix

  ST110SPBF Datasheet HTML 1Page - Vishay Siliconix ST110SPBF Datasheet HTML 2Page - Vishay Siliconix ST110SPBF Datasheet HTML 3Page - Vishay Siliconix ST110SPBF Datasheet HTML 4Page - Vishay Siliconix ST110SPBF Datasheet HTML 5Page - Vishay Siliconix ST110SPBF Datasheet HTML 6Page - Vishay Siliconix ST110SPBF Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.vishay.com
For technical questions, contact: ind-modules@vishay.com
Document Number: 94393
2
Revision: 11-Aug-08
ST110SPbF Series
Vishay High Power Products Phase Control Thyristors
(Stud Version), 110 A
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum average on-state current
at case temperature
IT(AV)
180° conduction, half sine wave
110
A
90
°C
Maximum RMS on-state current
IT(RMS)
DC at 85 °C case temperature
175
A
Maximum peak, one-cycle
non-repetitive surge current
ITSM
t = 10 ms
No voltage
reapplied
Sinusoidal half wave,
initial TJ = TJ maximum
2700
t = 8.3 ms
2830
t = 10 ms
100 % VRRM
reapplied
2270
t = 8.3 ms
2380
Maximum I2t for fusing
I2t
t = 10 ms
No voltage
reapplied
36.4
kA2s
t = 8.3 ms
33.2
t = 10 ms
100 % VRRM
reapplied
25.8
t = 8.3 ms
23.5
Maximum I2
√t for fusing
I2
√t
t = 0.1 to 10 ms, no voltage reapplied
364
kA2
√s
Low level value of threshold voltage
VT(TO)1
(16.7 % x
π x I
T(AV) < I < π x IT(AV)), TJ = TJ maximum
0.90
V
High level value of threshold voltage
VT(TO)2
(I >
π x I
T(AV)), TJ = TJ maximum
0.92
Low level value of on-state slope resistance
rt1
(16.7 % x
π x I
T(AV) < I < π x IT(AV)), TJ = TJ maximum
1.79
m
Ω
High level value of on-state slope resistance
rt2
(I >
π x I
T(AV)), TJ = TJ maximum
1.81
Maximum on-state voltage
VTM
Ipk = 350 A, TJ = TJ maximum, tp = 10 ms sine pulse
1.52
V
Maximum holding current
IH
TJ = 25 °C, anode supply 12 V resistive load
600
mA
Typical latching current
IL
1000
SWITCHING
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum non-repetitive rate of
rise of turned-on current
dI/dt
Gate drive 20 V, 20
Ω, t
r ≤ 1 µs
TJ = TJ maximum, anode voltage ≤ 80 % VDRM
500
A/µs
Typical delay time
td
Gate current 1 A, dIg/dt = 1 A/µs
Vd = 0.67 % VDRM, TJ = 25 °C
2.0
µs
Typical turn-off time
tq
ITM = 100 A, TJ = TJ maximum, dI/dt = 10 A/µs,
VR = 50 V, dV/dt = 20 V/µs, gate 0 V 100 Ω, tp = 500 µs
100
BLOCKING
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum critical rate of rise of
off-state voltage
dV/dt
TJ = TJ maximum linear to 80 % rated VDRM
500
V/µs
Maximum peak reverse and
off-state leakage current
IRRM,
IDRM
TJ = TJ maximum, rated VDRM/VRRM applied
20
mA



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com