Electronic Components Datasheet Search
  English  ▼

X  

ST183CPBF Datasheet(PDF) 1 Page - Vishay Siliconix

Part # ST183CPBF
Description  Inverter Grade Thyristors (Hockey PUK Version), 370 A
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ST183CPBF Datasheet(HTML) 1 Page - Vishay Siliconix

  ST183CPBF Datasheet HTML 1Page - Vishay Siliconix ST183CPBF Datasheet HTML 2Page - Vishay Siliconix ST183CPBF Datasheet HTML 3Page - Vishay Siliconix ST183CPBF Datasheet HTML 4Page - Vishay Siliconix ST183CPBF Datasheet HTML 5Page - Vishay Siliconix ST183CPBF Datasheet HTML 6Page - Vishay Siliconix ST183CPBF Datasheet HTML 7Page - Vishay Siliconix ST183CPBF Datasheet HTML 8Page - Vishay Siliconix ST183CPBF Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Document Number: 94368
For technical questions, contact: ind-modules@vishay.com
www.vishay.com
Revision: 30-Apr-08
1
Inverter Grade Thyristors
(Hockey PUK Version), 370 A
ST183CPbF Series
Vishay High Power Products
FEATURES
• Metal case with ceramic insulator
• All diffused design
• Center amplifying gate
• International standard case TO-200AB (A-PUK)
• Guaranteed high dV/dt
• Guaranteed high dI/dt
• High surge current capability
• Low thermal impedance
• High speed performance
TYPICAL APPLICATIONS
•Inverters
• Choppers
• Induction heating
• All types of force-commutated converters
ELECTRICAL SPECIFICATIONS
PRODUCT SUMMARY
IT(AV)
370 A
TO-200AB (A-PUK)
RoHS
COMPLIANT
MAJOR RATINGS AND CHARACTERISTICS
PARAMETER
TEST CONDITIONS
VALUES
UNITS
IT(AV)
370
A
Ths
55
°C
IT(RMS)
690
A
Ths
25
°C
ITSM
50 Hz
4900
A
60 Hz
5130
I2t
50 Hz
120
kA2s
60 Hz
110
VDRM/VRRM
400 to 800
V
tq
Range
10 to 20
µs
TJ
- 40 to 125
°C
VOLTAGE RATINGS
TYPE NUMBER
VOLTAGE
CODE
VDRM/VRRM, MAXIMUM
REPETITIVE PEAK VOLTAGE
V
VRSM, MAXIMUM
NON-REPETITIVE PEAK VOLTAGE
V
IDRM/IRRM MAXIMUM
AT TJ = TJ MAXIMUM
mA
ST183C..C
04
400
500
40
08
800
900


Similar Part No. - ST183CPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ST183C IRF-ST183C Datasheet
426Kb / 10P
INVERTER GRADE THYRISTORS Hockey Puk Version
ST183C IRF-ST183C Datasheet
196Kb / 10P
INVERTER GRADE THYRISTORS
ST183C08CFN0 IRF-ST183C08CFN0 Datasheet
196Kb / 10P
INVERTER GRADE THYRISTORS
More results

Similar Description - ST183CPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ST173C IRF-ST173C Datasheet
427Kb / 10P
INVERTER GRADE THYRISTORS Hockey Puk Version
ST203C IRF-ST203C Datasheet
483Kb / 10P
INVERTER GRADE THYRISTORS Hockey Puk Version
ST223C IRF-ST223C Datasheet
479Kb / 10P
INVERTER GRADE THYRISTORS Hockey Puk Version
ST303C IRF-ST303C Datasheet
471Kb / 10P
INVERTER GRADE THYRISTORS Hockey Puk Version
ST333C IRF-ST333C Datasheet
478Kb / 10P
INVERTER GRADE THYRISTORS Hockey Puk Version
ST333C1111 IRF-ST333C1111 Datasheet
471Kb / 10P
INVERTER GRADE THYRISTORS Hockey Puk Version
logo
Vishay Siliconix
ST203CPBF VISHAY-ST203CPBF Datasheet
309Kb / 9P
Inverter Grade Thyristors (Hockey PUK Version), 370 A
30-Apr-08
VS-ST203C VISHAY-VS-ST203C Datasheet
402Kb / 10P
Inverter Grade Thyristors (Hockey PUK Version), 370 A
16-Dec-13
VS-ST183C VISHAY-VS-ST183C_V01 Datasheet
225Kb / 10P
Inverter Grade Thyristors (Hockey PUK Version), 370 A
28-Aug-17
VS-ST203C VISHAY-VS-ST203C_V01 Datasheet
382Kb / 10P
Inverter Grade Thyristors (Hockey PUK Version), 370 A
12-Sep-17
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com