Electronic Components Datasheet Search
  English  ▼

X  

TEA6415C Datasheet(PDF) 2 Page - STMicroelectronics

Part # TEA6415C
Description  BUS-CONTROLLED VIDEO MATRIX SWITCH
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TEA6415C Datasheet(HTML) 2 Page - STMicroelectronics

  TEA6415C Datasheet HTML 1Page - STMicroelectronics TEA6415C Datasheet HTML 2Page - STMicroelectronics TEA6415C Datasheet HTML 3Page - STMicroelectronics TEA6415C Datasheet HTML 4Page - STMicroelectronics TEA6415C Datasheet HTML 5Page - STMicroelectronics TEA6415C Datasheet HTML 6Page - STMicroelectronics TEA6415C Datasheet HTML 7Page - STMicroelectronics TEA6415C Datasheet HTML 8Page - STMicroelectronics TEA6415C Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
919
18
1 7
16
15
1 4
13
12
1
3
5
6
8
10
11
20
27
4
BUS
DECODER
DATA
GND
CLOCK
V
CC
TTX
LUMA
CHROMA
P OWER
PIP
MAC
DEC.
GND
CVBS
(AM TUNER)
MAC S IGNAL
(AMTUNER)
CVBS
(FM TUNER)
MAC S IGNAL
(FM TUNER)
S YNCHRO
(TTX/BTX)
PERI
TV1
PER I
TV2
CVBS
(P ER I P LUG2)
PROG
CVBS
(P ER I P LUG1)
CVBS
(MAC/DEC)
T
E
A
6
4
1
5
C
BLOCK DIAGRAM
The main function of the IC is to switch 8 video input
sources on 6 outputs.
Each output can be switched on only one of each
input. On each input an alignment of the lowest
level of the signal is made (bottom of synch. top for
CVBS or black level for RGB signals).
Each nominal gain between any input and output
is 6.5dB. For D2MAC or Chroma signal the align-
ment is switched off by forcing, with an external
resistor bridge, 5 VDC on the input. Each input can
be used as a normal input or as a MAC or Chroma
input (with external resistor bridge). All the switch-
ing possibilities are changed through the BUS.
Driving 75
Ω load needs an external transistor.
It is possible to have the same input connected to
several outputs.
The starting configuration upon power on (power
supply : 0 to 10V) is undetermined.
In this case, 6 words of 16 bits are necessary to
determine one configuration. In other case, 1 word
of 16 bits is necessary to determine one configura-
tion.
GENERAL DESCRIPTION
TEA6415C
2/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com