Electronic Components Datasheet Search
  English  ▼

X  

TEA6415CD Datasheet(PDF) 7 Page - STMicroelectronics

Part # TEA6415CD
Description  BUS-CONTROLLED VIDEO MATRIX SWITCH
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TEA6415CD Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TEA6415CD Datasheet HTML 2Page - STMicroelectronics TEA6415CD Datasheet HTML 3Page - STMicroelectronics TEA6415CD Datasheet HTML 4Page - STMicroelectronics TEA6415CD Datasheet HTML 5Page - STMicroelectronics TEA6415CD Datasheet HTML 6Page - STMicroelectronics TEA6415CD Datasheet HTML 7Page - STMicroelectronics TEA6415CD Datasheet HTML 8Page - STMicroelectronics TEA6415CD Datasheet HTML 9Page - STMicroelectronics TEA6415CD Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
10
9
8
7
6
5
4
3
2
1
11
12
13
14
15
16
17
18
19
20
22
µF
220nF
100
µF
220nF
22
µF
220nF
220nF
220nF
220nF
220nF
10k
Ω
CBVS
CBVS
MAC
CVBS
CK (BUS)
CVBS
DA (BUS)
CVBS
CVBS
MAC
CVBS OUTPUT
CVBS OUTPUT
CVBS OUTPUT
CVBS OUTPUT
CVBS OUTPUT
CVBS OUTPUT
100k
Ω
10
Ω
75
Ω
V
CC
10V
75
Ω
PRO G (BUS)
T
E
A
6
4
1
5
C
10k
Ω
10k
Ω
10k
Ω
10k
Ω
10k
Ω
75
Ω
75
Ω
75
Ω
75
Ω
75
Ω
TYPICAL APPLICATION
1 - When any input is not used, it must be bypassed
to ground through a 220nF capacitor.
2 - An important improvement can be achieved
considering the input crosstalk by means of the
application (see technical note).
CROSSTALK IMPROVEMENT
TEA6415C
7/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com