Electronic Components Datasheet Search
  English  ▼

X  

ST183SPBF Datasheet(PDF) 5 Page - Vishay Siliconix

Part # ST183SPBF
Description  Inverter Grade Thyristors (Stud Version), 195 A
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ST183SPBF Datasheet(HTML) 5 Page - Vishay Siliconix

  ST183SPBF Datasheet HTML 1Page - Vishay Siliconix ST183SPBF Datasheet HTML 2Page - Vishay Siliconix ST183SPBF Datasheet HTML 3Page - Vishay Siliconix ST183SPBF Datasheet HTML 4Page - Vishay Siliconix ST183SPBF Datasheet HTML 5Page - Vishay Siliconix ST183SPBF Datasheet HTML 6Page - Vishay Siliconix ST183SPBF Datasheet HTML 7Page - Vishay Siliconix ST183SPBF Datasheet HTML 8Page - Vishay Siliconix ST183SPBF Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Document Number: 94369
For technical questions, contact: ind-modules@vishay.com
www.vishay.com
Revision: 30-Apr-08
5
ST183SPbF Series
Inverter Grade Thyristors
(Stud Version), 195 A
Vishay High Power Products
Fig. 4 - On-State Power Loss Characteristics
Fig. 5 - Maximum Non-Repetitive Surge Current
Fig. 6 - Maximum Non-Repetitive Surge Current
Fig. 7 - On-State Voltage Drop Characteristics
Fig. 8 - Thermal Impedance ZthJC Characteristics
Average On-State Current (A)
0
250
300
350
50
150
100
200
0
50
100
150
200
250
300
350
400
450
500
DC
180°
120°
90°
60°
30°
RMS limit
ST183S Series
T
J = 125 °C
Ø
Conduction period
0.2
K/W
R
thSA
=
0.8
K/W
- Δ
R
0.3
K/W
0.4 K/W
0.5 K/W
0.8 K/W
1.2 K/W
25
50
75
100
125
Maximum Allowable Ambient Temperature (°C)
0.1
K/W
0.16
K/W
0
50
100
150
200
250
300
350
400
450
500
2000
1
10
100
2500
3000
3500
4000
4500
Number of Equal Amplitude Half Cycle
Current Pulses (N)
Initial T
J = 125 °C
at 60 Hz 0.0083 s
at 50 Hz 0.0100 s
ST183S Series
At any rated load condition and with
rated V
RRM applied following surge
0.01
0.1
1
2000
2500
3000
3500
4000
5000
Pulse Train Duration (s)
4500
Initial T
J = 125 °C
No voltage reapplied
Rated V
RRM reapplied
ST183S Series
Maximum non-repetitive surge current
versus pulse train duration. Control
of conduction may not be maintained
100
1.0
1.5
2.0
2.5
3.0
3.5
4.0
1000
10 000
Instantaneous On-State Voltage (V)
ST183S Series
T
J = 25 °C
T
J = 125 °C
0.01
0.01
0.1
1
10
0.001
0.1
1
Square Wave Pulse Duration (s)
ST183S Series
0.001
Steady state value
R
thJC = 0.105 K/W
(DC operation)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com