Electronic Components Datasheet Search
  English  ▼

X  

TEA6425 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TEA6425
Description  VIDEO CELLULAR MATRIX
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TEA6425 Datasheet(HTML) 1 Page - STMicroelectronics

  TEA6425 Datasheet HTML 1Page - STMicroelectronics TEA6425 Datasheet HTML 2Page - STMicroelectronics TEA6425 Datasheet HTML 3Page - STMicroelectronics TEA6425 Datasheet HTML 4Page - STMicroelectronics TEA6425 Datasheet HTML 5Page - STMicroelectronics TEA6425 Datasheet HTML 6Page - STMicroelectronics TEA6425 Datasheet HTML 7Page - STMicroelectronics TEA6425 Datasheet HTML 8Page - STMicroelectronics TEA6425 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
TEA6425
VIDEO CELLULAR MATRIX
May 1996
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
IN 1
SDA
IN 2
SCL
IN 3
IN 4
SUB
IN 5
IN 6
VCC
OUT 1
OUT 2
OUT 3
OUT 4
OUT 5
OUT 6
OUT 7
OUT 8
GND
VCCP
PIN CONNECTIONS
DIP20
(Plastic Package)
ORDER CODE : TEA6425
.
6 VIDEO INPUTS - 8 VIDEO OUTPUTS
.
2 INTERNAL SELECTABLE YC ADDERS
.
15MHz BANDWIDTH @ -3dB
.
SELECTABLE 0.5/6.5dB GAIN FOR EACH
OUTPUT
.
HIGH IMPEDANCE SWITCH FOR EACH
OUTPUT (3-state operation)
.
PROGRAMMABLE CLAMP MODE ON EACH
INPUT (sync bottom or average value)
.
-60dB CROSSTALK @ 5MHz
.
4 SUB-ADDRESS CAPABILITY
.
I
2C BUS CONTROL
DESCRIPTION
This device is intended for switching between video
and chroma signals such as CVBS, SVHS, base-
band CVBS, MAC. Each input clamp mode, each
output gain, all switching are controlled through the
I
2C bus. The 8 outputscan be set separatelyin high
impedance state, to enable parallel DC connection
of several devices (up to 4).
SO20L
(Plastic Micropackage)
ORDER CODE : TEA6425D
1/9


Similar Part No. - TEA6425

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TEA6425 STMICROELECTRONICS-TEA6425 Datasheet
164Kb / 10P
VIDEO CELLULAR MATRIX
Sep-2003
logo
Toshiba Semiconductor
TEA6425 TOSHIBA-TEA6425 Datasheet
5Mb / 70P
COLOUR TELEVISION
logo
STMicroelectronics
TEA6425D STMICROELECTRONICS-TEA6425D Datasheet
164Kb / 10P
VIDEO CELLULAR MATRIX
Sep-2003
TEA6425 STMICROELECTRONICS-TEA6425_03 Datasheet
164Kb / 10P
VIDEO CELLULAR MATRIX
Sep-2003
More results

Similar Description - TEA6425

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STV6410A STMICROELECTRONICS-STV6410A Datasheet
205Kb / 22P
AUDIO/VIDEO SWITCH MATRIX
Dec-1998
STV6411A STMICROELECTRONICS-STV6411A Datasheet
191Kb / 20P
AUDIO/VIDEO SWITCH MATRIX
Dec-1998
TEA6430 STMICROELECTRONICS-TEA6430 Datasheet
105Kb / 10P
AUDIO CELLULAR MATRIX
STV6412A STMICROELECTRONICS-STV6412A Datasheet
472Kb / 24P
AUDIO/VIDEO SWITCH MATRIX
Sep-2003
STV6413 STMICROELECTRONICS-STV6413 Datasheet
626Kb / 28P
Audio/Video Switch Matrix
Feb-2004
logo
New Japan Radio
NJM2277 NJRC-NJM2277 Datasheet
110Kb / 15P
VIDEO SWITCH MATRIX
logo
STMicroelectronics
STV6408 STMICROELECTRONICS-STV6408 Datasheet
472Kb / 9P
VIDEO MATRIX
STV6412B STMICROELECTRONICS-STV6412B Datasheet
501Kb / 32P
Audio/video switch matrix
28-Jul-2008
STV6414A STMICROELECTRONICS-STV6414A Datasheet
483Kb / 32P
Audio/video switch matrix
26-Jun-2008
TEA6425 STMICROELECTRONICS-TEA6425_03 Datasheet
164Kb / 10P
VIDEO CELLULAR MATRIX
Sep-2003
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com