Electronic Components Datasheet Search
  English  ▼

X  

MDP45 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # MDP45
Description  Thick Film Resistor Networks, Dual-In-Line, Molded DIP
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MDP45 Datasheet(HTML) 1 Page - Vishay Siliconix

  MDP45 Datasheet HTML 1Page - Vishay Siliconix MDP45 Datasheet HTML 2Page - Vishay Siliconix MDP45 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Thick Film Resistor Networks, Dual-In-Line, Molded DIP
www.vishay.com
For technical questions contact: ff2aresistors@vishay.com
Document Number: 31512
1
Revision: 28-Jul-06
MDP 45, 46
Vishay Dale
FEATURES
• 0.190" [4.83 mm] maximum seated height
• Rugged, molded case construction
• Low temperature coefficient (- 55 °C to + 125 °C),
MDP 1645: ± 100 ppm/°C, MDP 1646: ± 250 ppm/°C
• Compatible with automatic insertion equipment
• Thick film resistive elements
• Reduces PC board space and reduces total assembly
costs
• Available in tube pack
• Lead (Pb)-free version is RoHS compliant
Available
RoHS*
COMPLIANT
e1
* Pb containing terminations are not RoHS compliant, exemptions may apply
STANDARD ELECTRICAL SPECIFICATIONS
GLOBAL
MODEL/
PIN NO.
RESISTOR
POWER RATING
Max. AT 70 °C
W
PACKAGE
POWER RATING
Max. AT 70 °C
W
STANDARD
TOLERANCE
± %
TEMPERATURE
COEFFICIENT
(- 55 °C to + 125 °C)
ppm/°C
TEMPERATURE
COEFFICIENT
TRACKING
ppm/°C
WEIGHT
g
MDP1645
0.125
2.0
2
± 100
Typical
± 150
1.5
MDP1646
0.125
2.0
5
± 250
Typical
± 150
1.5
STANDARD ELECTRICAL SPECIFICATIONS
MDP1645 Schematic
TTL to ECL translator
The MDP1645 network consists of 18 resistors of 3 different
values, internally divided into six (6) identical three (3) resistor
sections for TTL to ECL translation.
MDP1646 Schematic
SCSI-BUS signal terminator
The MDP1646 network consists of 21 resistors of 2 different
values, internally divided into seven (7) identical three (3)
resistor sections for SCSI-BUS terminator applications.
GLOBAL PART NUMBER INFORMATION
New Global Part Numbering: MDP1646D04 (preferred part numbering format)
MD
P
1
6
4
6
D
0
4
GLOBAL MODEL
PIN COUNT
SCHEMATIC
PACKAGING
SPECIAL
MDP
16
45 = TTL/ECL Translator
46 = Signal Terminator
E04 = Lead Free, Tube
D04 = Tin/Lead, Tube
Blank = Standard
(Dash Number)
(up to 3 digits)
From 1-999 as applicable
Historical Part Number: MDP1646 (will continue to be accepted)
MDP
HISTORICAL MODEL
PIN COUNT
SCHEMATIC
PACKAGING
46
D04
16
1
16
V
EE
270
Ω
180
Ω
820
Ω
V
CC
V
CC
OUTPUTS TO ECL
TTL INPUTS
R
1
R
2
R
1
8
9
16
1
330
Ω
150
Ω
330
Ω


Similar Part No. - MDP45

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MDP45 VISHAY-MDP45 Datasheet
97Kb / 3P
Thick Film Resistor Networks, Dual-In-Line, Molded DIP
29-Nov-13
MDP45 VISHAY-MDP45_17 Datasheet
97Kb / 3P
Thick Film Resistor Networks, Dual-In-Line, Molded DIP
29-Nov-13
More results

Similar Description - MDP45

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MDP16 VISHAY-MDP16 Datasheet
226Kb / 4P
Thick Film Resistor Networks, Dual-In-Line, Molded DIP, 01, 03, 05 Schematics
06-Aug-02
MDP1645 VISHAY-MDP1645 Datasheet
89Kb / 2P
Thick Film Resistor Networks, Dual-In-Line, Molded DIP
08-Sep-04
logo
List of Unclassifed Man...
898-5-R220 ETC1-898-5-R220 Datasheet
61Kb / 4P
Dual-In-Line Thick Film Resistor Networks
logo
Vishay Siliconix
SOMC VISHAY-SOMC Datasheet
120Kb / 3P
Thick Film, Dual-in-Line Resistor Networks
21-Aug-06
SOGC45 VISHAY-SOGC45 Datasheet
299Kb / 3P
Thick Film Resistor Networks, Dual-In-Line Small Outline Molded Dip 45 & 46 Schematics
21-Aug-06
MDP01 VISHAY-MDP01 Datasheet
302Kb / 5P
Thick Film Resistor Networks, Dual-In-Line, Molded DIP, 01, 03, 05 Schematics
28-Jul-06
MSP08C036K80GEJ VISHAY-MSP08C036K80GEJ Datasheet
402Kb / 5P
Thick Film Resistor Networks, Single-In-Line, Molded SIP
10-Jun-10
MDP01 VISHAY-MDP01_17 Datasheet
120Kb / 5P
Thick Film Resistor Networks, Dual-In-Line, Molded DIP
12-Sep-13
MDP45 VISHAY-MDP45_17 Datasheet
97Kb / 3P
Thick Film Resistor Networks, Dual-In-Line, Molded DIP
29-Nov-13
MSP VISHAY-MSP_17 Datasheet
101Kb / 5P
Thick Film Resistor Networks, Single-In-Line, Molded SIP
13-Feb-15
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com