Electronic Components Datasheet Search
  English  ▼

X  

MDRC Datasheet(PDF) 2 Page - Vishay Siliconix

Part # MDRC
Description  Resistor/Capacitor Networks, Dual-In-Line, Molded DIP, 16 Pin
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MDRC Datasheet(HTML) 2 Page - Vishay Siliconix

  MDRC Datasheet HTML 1Page - Vishay Siliconix MDRC Datasheet HTML 2Page - Vishay Siliconix MDRC Datasheet HTML 3Page - Vishay Siliconix MDRC Datasheet HTML 4Page - Vishay Siliconix MDRC Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MDRC
Resistor/Capacitor Networks, Dual-In-Line,
Molded DIP, 16 Pin
Vishay Dale
Document Number: 31524
For technical questions, contact: ff2aresistors@vishay.com
www.vishay.com
Revision: 09-Jan-07
63
DIMENSIONS in inches [millimeters]
RESISTANCE VALUE IN OHMS (G TOLERANCE)
MDRC1641
50, 68, 75, 100
MDRC1643
R1
R2
Zo
81
130
50
MDRC1642
510
121
195
75
162
260
100
TECHNICAL SPECIFICATIONS
PARAMETER
UNIT
MDRC
Operating Voltage (at + 25 °C)
VAC
50 maximum
Capacitor Dissipation Factor
%
< 3
Voltage Coefficient of Resistance (typical)
ppm/V
< 50
Operating Temperature Range
°C
- 30 to + 85 °C
Storage Temperature Range
°C
- 30 to + 85 °C
MECHANICAL SPECIFICATIONS
Marking Resistance to Solvents
Permanency testing per MIL-STD-202, Method 215
Solderability
Per MIL-STD-202, Method 208E
Terminals
Copper alloy, solder plated
Body
Molded epoxy
Weight
1.5 grams
Pin #1
0.310
± 0.010
[7.87
± 0.254]
0.250
± 0.005
[6.35
± 0.127]
0.700
± 0.010
[17.78
± 0.254]
0.100
± 0.010
[2.54
± 0.254]
Non-Accumulative Tol.
7 Spaces
0.850
± 0.010
[21.59
± 0.254]
0.018
± 0.003
[0.457
± 0.076]
0.030
[0.762] Typ.
0.050
± 0.005
[1.27
± 0.127]
0.075
± 0.015
[1.90
± 0.381]
0.010 + 0.005
- 0.002
[0.254 + 0.127
- 0.051]
0.150
± 0.005
[3.81
± 0.127]
0.130 + 0.015
- 0.010
[3.30 + 0.381
- 0.254]
0.290 [7.37] Min.
0.320 [8.13] Nom.
0.360 [9.14] Max.
Pin #1
Identification



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com