Electronic Components Datasheet Search
  English  ▼

X  

MFU Datasheet(PDF) 1 Page - Vishay Siliconix

Part # MFU
Description  Thin Film Flat Chip Fuses
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MFU Datasheet(HTML) 1 Page - Vishay Siliconix

  MFU Datasheet HTML 1Page - Vishay Siliconix MFU Datasheet HTML 2Page - Vishay Siliconix MFU Datasheet HTML 3Page - Vishay Siliconix MFU Datasheet HTML 4Page - Vishay Siliconix MFU Datasheet HTML 5Page - Vishay Siliconix MFU Datasheet HTML 6Page - Vishay Siliconix MFU Datasheet HTML 7Page - Vishay Siliconix MFU Datasheet HTML 8Page - Vishay Siliconix MFU Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Document Number: 28747
For technical questions, contact: ff3eresistors@vishay.com
www.vishay.com
Revision: 25-Jun-08
1
Thin Film Flat Chip Fuses
MFU Series - Thin Film Fuse
Vishay Beyschlag
MFU Thin Film Flat Chip Fuses are the perfect choice for
the most fields of modern electronics. The highly controlled
manufacturing thin film process guarantees an outstanding
stability of fusing characteristics. Typical applications
include information technology, telecommunication, medical
equipment,
industrial,
audio/video,
and
automotive
electronics.
FEATURES
• Advanced thin film technology
• Very quick acting fuse characteristics
• Outstanding stability of fusing characteristics
• Standard metric SMD sizes
• Green product, supports lead (Pb)-free soldering
APPLICATIONS
• Information technology
• Industrial electronics
• Automotive electronics
• Telecommunication
• Medical equipment
• Audio/video electronics
R
METRIC SIZE
INCH:
0402
0603
0805
1206
METRIC:
RR 1005M
RR 1608M
RR 2012M
RR 3216M
TECHNICAL SPECIFICATION
DESCRIPTION
MFU 0402
MFU 0603
MFU 0805
MFU 1206
Metric size
RR 1005M
RR 1608M
RR 2012M
RR 3216M
Rated Current range
IR
0.5 A to 3.15 A
0.5 A to 5.0 A
0.5 A to 5.0 A
0.5 A to 6.3 A
Rated voltage,
Umax. DC
32 V
32 V
32 V
63 V
Breaking Capacity,
Imax. at Umax. DC
50 A at 32 V
50 A at 32 V
50 A at 32 V
50 A at 63 V
Voltage drop at 1 x
IR
90 mV to 420 mV
85 mV to 361 mV
98 mV to 374 mV
116 mV to 433 mV
Cold resistance at 0.1 x
IR
22 m
Ω to 640 mΩ
13 m
Ω to 550 mΩ
15 m
Ω to 570 mΩ
14 m
Ω to 660 mΩ
Climatic category (LCT/UCT/days)
55/125/56
55/125/56
55/125/56
55/125/56
Permissible continuous
current rating at
ϑ
amb. = 23 °C
0.7 x
IR
0.7 x
IR
0.7 x
IR
0.7 x
IR
Approval
UL recognition file
E253806
E253806
E253806
E253806
IEC 60127-4
n/a
Refer to table:
MFU 0603 RATING
Refer to table:
MFU 1206 RATING
FITobserved
≤ 0.2 x 10- 9/h
≤ 0.2 x 10- 9/h
≤ 0.2 x 10- 9/h
≤ 0.2 x 10- 9/h


Similar Part No. - MFU

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MFU VISHAY-MFU Datasheet
179Kb / 13P
Thin Film Chip Fuses
06-May-10
MFU VISHAY-MFU Datasheet
172Kb / 13P
Thin Film Chip FusesS
11-Mar-13
MFU0402 VISHAY-MFU0402 Datasheet
179Kb / 13P
Thin Film Chip Fuses
06-May-10
MFU0402FF00500E000 VISHAY-MFU0402FF00500E000 Datasheet
179Kb / 13P
Thin Film Chip Fuses
06-May-10
MFU0402FF00500E000 VISHAY-MFU0402FF00500E000 Datasheet
169Kb / 13P
Thin Film Chip Fuses
11-Mar-13
More results

Similar Description - MFU

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MFU VISHAY-MFU_10 Datasheet
179Kb / 13P
Thin Film Chip Fuses
06-May-10
MCS0402 VISHAY-MCS0402 Datasheet
632Kb / 2P
Precision Thin Film Flat Chip Resistors
18-Dec-09
TNPW120654K9BEEA VISHAY-TNPW120654K9BEEA Datasheet
133Kb / 10P
High Stability Thin Film Flat Chip Resistors
27-Jun-12
TNPW0805150KBEEA VISHAY-TNPW0805150KBEEA Datasheet
133Kb / 10P
High Stability Thin Film Flat Chip Resistors
27-Jun-12
MFU1206FF03000P500 VISHAY-MFU1206FF03000P500 Datasheet
169Kb / 13P
Thin Film Chip Fuses
11-Mar-13
TNPVE3 VISHAY-TNPVE3 Datasheet
112Kb / 9P
High Voltage Thin Film Flat Chip Resistors
24-Apr-15
TNPWE3 VISHAY-TNPWE3 Datasheet
143Kb / 11P
High Stability Thin Film Flat Chip Resistors
27-Feb-15
TNPW-E3 VISHAY-TNPW-E3 Datasheet
182Kb / 13P
High Stability Thin Film Flat Chip Resistors
12-May-16
TNPWE3 VISHAY-TNPWE3_V01 Datasheet
186Kb / 13P
High Stability Thin Film Flat Chip Resistors
21-Feb-2020
TNPVE3 VISHAY-TNPVE3_V01 Datasheet
141Kb / 9P
High Voltage Thin Film Flat Chip Resistors
02-Dec-2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com