Electronic Components Datasheet Search
  English  ▼

X  

MIC Datasheet(PDF) 1 Page - Vishay Siliconix

Part # MIC
Description  Thin Film Microwave Resistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MIC Datasheet(HTML) 1 Page - Vishay Siliconix

  MIC Datasheet HTML 1Page - Vishay Siliconix MIC Datasheet HTML 2Page - Vishay Siliconix MIC Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.vishay.com
For technical questions, contact: efi@vishay.com
Document Number: 61037
92
Revision: 14-Mar-08
MIC
Vishay Electro-Films
Thin Film Microwave Resistor
The MIC resistor chips on alumina are designed with low
shunt capacitance. Most lower value resistor geometrics are
compatible with strip lines, making them ideally suited for
microwave circuits.
These chips are manufactured using Vishay Electro-Films
(EFI) sophisticated Thin Film equipment and manufacturing
technology. The MICs are 100 % electrically tested and
visually inspected to MIL-STD-883.
FEATURES
• Wire bondable
• Small chip size: 0.020 x 0.040 inches
• Microwave resistance range: 20 Ω - 1 kΩ
• Overall resistance range: 2 Ω to 20 kΩ
• Alumina substrate
• Low stray capacitance: < 0.2 pF
• Resistor material: Tantalum nitride, self passivating
• Moisture resistant
• High frequency
APPLICATIONS
Vishay EFI MIC chip resistors provide excellent high-frequency response and are ideally suited for prototyping.
Typical application areas are:
• Amplifiers
• Oscillators
• Attenuators
• Couplers
• Filters
Note
• Only 20 W to 1 kW are standard strip line designs for microwave applications
Product may not
be to scale
TEMPERATURE COEFFICIENT OF RESISTANCE, VALUES AND TOLERANCES
PROCESS CODE
MICROWAVE
CLASS H*
CLASS K*
CLASS H*
CLASS K*
004
034
-
-
002
032
-
-
001
031
014
-
003
033
016
017
Gold termination
*MIL-PRF-38534 inspection criteria
2
Ω
1.0 %
Tightest Standard Tolerance Available
± 100 ppm/°C
± 50 ppm/°C
10
Ω
20
Ω
10 k
Ω
15 k
Ω 20 kΩ
± 25 ppm/°C
± 200 ppm/°C
STANDARD ELECTRICAL SPECIFICATIONS
PARAMETER
Noise, MIL-STD-202, Method 308
- 20 dB typ.
Moisture Resistance, MIL-STD-202, Method 106
± 0.1 % max.
ΔR/R
Stability, 1000 h, + 125 °C, 62 mW
± 0.2 % max.
ΔR/R
Operating Temperature Range
- 55 °C to + 125 °C
Thermal Shock, MIL-STD-202, Method 107, Test Condition F
± 0.1 % max.
ΔR/R
High Temperature Exposure, + 150 °C, 1000 h
± 0.2 % max.
ΔR/R
Dielectric Voltage Breakdown
400 V
Insulation Resistance
1012 min.
Operating Voltage
100 V max.
DC Power Rating at + 70 °C (Derated to Zero at 150 °C)
125 mW max.
5 x Rated Power Short-Time Overload, + 25 °C, 5 s
± 0.1 % max.
ΔR/R


Similar Part No. - MIC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MIC ETC-MIC Datasheet
188Kb / 2P
Micro EM Clutch
logo
Cooper Bussmann, Inc.
MIC-1 COOPER-MIC-1 Datasheet
375Kb / 2P
MIC 13??2? x 1-1/2? 250Vac pin indicating fast-acting supplemental fuses
logo
List of Unclassifed Man...
MIC-1 ETC1-MIC-1 Datasheet
375Kb / 2P
fast-acting supplemental fuses
logo
Cooper Bussmann, Inc.
MIC-10 COOPER-MIC-10 Datasheet
375Kb / 2P
MIC 13??2? x 1-1/2? 250Vac pin indicating fast-acting supplemental fuses
MIC-15 COOPER-MIC-15 Datasheet
375Kb / 2P
MIC 13??2? x 1-1/2? 250Vac pin indicating fast-acting supplemental fuses
More results

Similar Description - MIC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TRA06E VISHAY-TRA06E Datasheet
84Kb / 2P
Thin Film, Resistor Array
05-Apr-04
logo
California Micro Device...
110R CALMIRCO-110R Datasheet
393Kb / 1P
THIN FILM RESISTOR SERIES
XRN772 CALMIRCO-XRN772 Datasheet
37Kb / 1P
Thin Film Resistor Series
logo
List of Unclassifed Man...
RG1005 ETC2-RG1005_1 Datasheet
1Mb / 3P
THIN FILM CHIP RESISTOR
logo
AVX Corporation
04023J1R1ABSTR AVX-04023J1R1ABSTR Datasheet
458Kb / 20P
Thin-Film RF/Microwave Capacitors
logo
List of Unclassifed Man...
RG1608N-4121 ETC2-RG1608N-4121 Datasheet
179Kb / 3P
Thin Film Chip Resistor
RG1608P-2610 ETC2-RG1608P-2610 Datasheet
179Kb / 3P
Thin Film Chip Resistor
logo
Vishay Siliconix
MIC VISHAY-MIC_15 Datasheet
76Kb / 3P
Thin Film Microwave Resistor
02-May-13
MID VISHAY-MID Datasheet
94Kb / 3P
Thin Film Microwave Resistor
18-Apr-13
MIF VISHAY-MIF Datasheet
84Kb / 3P
Thin Film Microwave Resistor
02-May-13
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com