Electronic Components Datasheet Search
  English  ▼

X  

TEA7063 Datasheet(PDF) 6 Page - STMicroelectronics

Part # TEA7063
Description  SPEECH CIRCUIT WITH POWER MANAGEMENT
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TEA7063 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TEA7063 Datasheet HTML 2Page - STMicroelectronics TEA7063 Datasheet HTML 3Page - STMicroelectronics TEA7063 Datasheet HTML 4Page - STMicroelectronics TEA7063 Datasheet HTML 5Page - STMicroelectronics TEA7063 Datasheet HTML 6Page - STMicroelectronics TEA7063 Datasheet HTML 7Page - STMicroelectronics TEA7063 Datasheet HTML 8Page - STMicroelectronics TEA7063 Datasheet HTML 9Page - STMicroelectronics TEA7063 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
2. TRANSMISSION CHAIN
2.1 A.G.C. In Transmission
The transmission gain between Microphone Input
(pin 7) and Vline (pin 16) is internally decreased
of 6dB when the line current varies from ILL to
ILS with a constant AC load of 600
Ω.
The values of ILL (long line current) and ILS (short
line current) are programmable through I-start (pin
9) and I-slope (pin 15) (see also paragr. 4).
2.2 Sending Impedance
The impedance of the Output Stage Amplifier, Zout,
is determined by the impedance Z4 (at pin 3).
Zout = 10.65 xZ4
The total AC impedance shown to the line is the
parallel
Zpar =Zout//Zint//Zext
where:
-Zint = 10K
Ω//8.5 nF (internal)
-Zext = R6//C4 (at pin 16)
2.3 Sending Mute
In normal speech operation (Vmute at pin 14 <
0.8V), the signal at Microphone Input (pin 7) is
amplified to Vline (pin 16) with the gain Gs (long
line) or 6dB lower (shorter lines) depending on
AGC control (see paragr. 4).
In sending mute condition (V 14 > 1.6V) these
gains are reduced of at least 60dB. In the same
condition, DTMF input (pin 6) is activated, with
gain Gmf to the line independent from Iline lenght.
2.4 Antisidetone Buffer
The signal coming from the sending preamplifier
is internally presented at pin 4 and than buffered
to pins 1 and 2 for sidetone cancellation (see
paragraph 3.2).
Figure 3
TEA7063
6/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com