Electronic Components Datasheet Search
  English  ▼

X  

BFC233921 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # BFC233921
Description  Interference Suppression Film Capacitors MKP Radial Potted Type
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BFC233921 Datasheet(HTML) 1 Page - Vishay Siliconix

  BFC233921 Datasheet HTML 1Page - Vishay Siliconix BFC233921 Datasheet HTML 2Page - Vishay Siliconix BFC233921 Datasheet HTML 3Page - Vishay Siliconix BFC233921 Datasheet HTML 4Page - Vishay Siliconix BFC233921 Datasheet HTML 5Page - Vishay Siliconix BFC233921 Datasheet HTML 6Page - Vishay Siliconix BFC233921 Datasheet HTML 7Page - Vishay Siliconix BFC233921 Datasheet HTML 8Page - Vishay Siliconix BFC233921 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
Document Number: 28138
For technical questions, contact: RFI@vishay.com
www.vishay.com
Revision: 06-Oct-08
1
Interference Suppression Film Capacitors
MKP Radial Potted Type
MKP 339 X2
Vishay BCcomponents
APPLICATIONS
For standard across the line X2 applications.
See also application note:
www.vishay.com/docs/28153/anaccaps.pdf
REFERENCE STANDARDS
“IEC 60384-14 ed-3 and EN 60384-14
“IEC 60065, pass. flamm. class B”
CSA-C22.2 No. 1; UL1414
CSA-E384-14; UL1283; CQC
MARKING
C-value; tolerance; rated voltage; sub-class; manufacturer’s
type designation; code for dielectric material, manufacturer
location; manufacturer’s logo; year and week; safety
approvals
DIELECTRIC
Polypropylene film
ELECTRODES
Metallized film
CONSTRUCTION
Mono construction
FEATURES
7.5 to 27.5 mm lead pitch. Supplied loose in box,
taped on ammopack or reel
RoHS compliant product
RATED VOLTAGE
AC 310 V; 50 to 60 Hz
PERMISSIBLE DC VOLTAGE
DC 630 V
ENCAPSULATION
Plastic case, epoxy resin sealed, flame retardant UL-class
94 V-0
CLIMATIC TESTING CLASS ACC. TO IEC 60068-1
55/110/56/B
CAPACITANCE RANGE (E12 SERIES)
E12 series 0.001 to 4.7 µF
Preferred values acc. to E6
CAPACITANCE TOLERANCE
± 20 %; ± 10 %; ± 5 %
LEADS
Tinned wire
MAXIMUM APPLICATION TEMPERATURE
C
≤ 470 nF: 110 °C (125 °C for less than 1000 h)
C
> 470 nF: 110 °C
DETAIL SPECIFICATION
For more detailed data and test requirements contact:
RFI@vishay.com
168x12(halfpage)
168x12(halfpage)
w
Ø dt
l
P
h
l
h h'
w
Ø dt
H
F
10
F'
(1)
15
lt
Dimensions in mm
(1)
⎪F- F’⎪ <0.3 mm
F = 7.5 + 0.6/- 0.1 mm


Similar Part No. - BFC233921

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BFC233920102 VISHAY-BFC233920102 Datasheet
229Kb / 21P
Interference Suppression Film Capacitors MKP Radial Potted Type
31-Aug-09
BFC233920103 VISHAY-BFC233920103 Datasheet
229Kb / 21P
Interference Suppression Film Capacitors MKP Radial Potted Type
31-Aug-09
BFC233920103 VISHAY-BFC233920103 Datasheet
194Kb / 19P
Interference Suppression Film Capacitors MKP Radial Potted Type
13-May-13
BFC233920104 VISHAY-BFC233920104 Datasheet
191Kb / 18P
Interference Suppression Film Capacitors MKP Radial Potted Type
13-May-13
BFC233920152 VISHAY-BFC233920152 Datasheet
229Kb / 21P
Interference Suppression Film Capacitors MKP Radial Potted Type
31-Aug-09
More results

Similar Description - BFC233921

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP3382X2 VISHAY-MKP3382X2 Datasheet
293Kb / 8P
Interference Suppression Film Capacitors MKP Radial Potted Type
21-Nov-05
MKP3384X2 VISHAY-MKP3384X2 Datasheet
464Kb / 8P
Interference Suppression Film Capacitors MKP Radial Potted Type
01-Aug-07
BFC233910224 VISHAY-BFC233910224 Datasheet
191Kb / 18P
Interference Suppression Film Capacitors MKP Radial Potted Type
13-May-13
BFC233610224 VISHAY-BFC233610224 Datasheet
148Kb / 11P
Interference Suppression Film Capacitors MKP Radial Potted Type
06-Aug-12
BFC233922105 VISHAY-BFC233922105 Datasheet
194Kb / 19P
Interference Suppression Film Capacitors MKP Radial Potted Type
13-May-13
BFC233620104 VISHAY-BFC233620104 Datasheet
185Kb / 16P
Interference Suppression Film Capacitors MKP Radial Potted Type
18-Dec-12
F17102101000 VISHAY-F17102101000 Datasheet
136Kb / 11P
Interference Suppression Film Capacitors MKP Radial Potted Type
12-Jun-13
BFC233620223 VISHAY-BFC233620223 Datasheet
221Kb / 17P
Interference Suppression Film Capacitors MKP Radial Potted Type
08-Oct-08
BFC233820224 VISHAY-BFC233820224 Datasheet
225Kb / 19P
Interference Suppression Film Capacitors MKP Radial Potted Type
16-Jul-09
MKP339X2 VISHAY-MKP339X2 Datasheet
191Kb / 18P
Interference Suppression Film Capacitors MKP Radial Potted Type
13-May-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com