Electronic Components Datasheet Search
  English  ▼

X  

P8P Datasheet(PDF) 1 Page - Vishay Siliconix

Part # P8P
Description  Fully Sealed Container Cermet Trimmers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

P8P Datasheet(HTML) 1 Page - Vishay Siliconix

  P8P Datasheet HTML 1Page - Vishay Siliconix P8P Datasheet HTML 2Page - Vishay Siliconix P8P Datasheet HTML 3Page - Vishay Siliconix P8P Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Fully Sealed Container Cermet Trimmers
www.vishay.com
For technical questions, contact: sfer@vishay.com
See also: Application notes
Document Number: 51019
48
Revision: 26-Oct-06
P8P
Vishay Sfernice
FEATURES
• Military and professional grade
• 1 Watt at 70 °C, P8PT
• 0.5 Watt at 70 °C, P8PX - P8PY
• CECC 41 101-002 (A, B)
• GAM T1
• Fully sealed
P8P series are available in three mounting configurations:
- P8PX, side adjust with pins
- P8PY, top adjust with pins
- P8PT, panel mount with solder lugs
• Multi-finger wiper contact in precious metal
Models P8PX and P8PY feature a TO-5 transistor type,
rugged metal case housing.
The cermet track is printed to an alumina substrate allowing
high dissipation and ensuring reliable performance under
extreme environmental conditions.
Models P8PX and P8PY are qualified PC 39 and PC 19
respectively according to CECC 41 101-002 mod. A and B.
DIMENSIONS in millimeters
P8PX - (PC 39) B
• Tolerance unless otherwise specified: ± 0.5
P8PY - (PC 19) A
P8PT
Consult Vishay SFERNICE for panel sealed type
slot 0.6 wide x 0.7 deep
Ø 8.5
2.54
2.54
8.9
3.5 min
Ground
7.62
4.7
a
b
c
Ø 8.5
0.5
0.5 x 0.4
5 min
8 max
slot 0.6 wide x 0.7 deep
2.54
2.54
2.54
ca
b
2.54
2.54
0.5
8.6
2.54
a
b
c
Thread M7 x 0.75
shim washers
3.2 ± 0.2
3.4 ± 0.2
7.8 ± 1
4.5 ± 1
Panel thickness
0.4
- 0
Ø8.6-0.1
1
23
0.5 min
0.5 to 2.5
2.5 to 4 max
1
23
CIRCUIT DIAGRAM
a
c
b
cw
(2)
(3)
(1)
}
Outlets PCB
mounting
RoHS
COMPLIANT


Similar Part No. - P8P

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
P8P VISHAY-P8P Datasheet
114Kb / 5P
8.5 mm Diameter Single-Turn Fully Sealed Container Cermet Trimmer
27-Apr-17
P8PT103JB25 VISHAY-P8PT103JB25 Datasheet
114Kb / 5P
8.5 mm Diameter Single-Turn Fully Sealed Container Cermet Trimmer
27-Apr-17
P8PT103KB25 VISHAY-P8PT103KB25 Datasheet
114Kb / 5P
8.5 mm Diameter Single-Turn Fully Sealed Container Cermet Trimmer
27-Apr-17
P8PX103JB25 VISHAY-P8PX103JB25 Datasheet
114Kb / 5P
8.5 mm Diameter Single-Turn Fully Sealed Container Cermet Trimmer
27-Apr-17
P8PX103KB25 VISHAY-P8PX103KB25 Datasheet
114Kb / 5P
8.5 mm Diameter Single-Turn Fully Sealed Container Cermet Trimmer
27-Apr-17
More results

Similar Description - P8P

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
P8S VISHAY-P8S Datasheet
154Kb / 4P
Fully Sealed Container Cermet Trimmers
26-Oct-06
T12 VISHAY-T12 Datasheet
132Kb / 5P
Fully Sealed Container Square or Round Cermet Trimmers
06-Jul-06
P12 VISHAY-P12 Datasheet
140Kb / 5P
Fully Sealed Container Cermet Potentiometers Military and Professional Grade
06-Jul-06
P13SM VISHAY-P13SM Datasheet
175Kb / 6P
Fully Sealed Container Cermet Potentiometers Submarine Applications
10-Dec-15
P8S VISHAY-P8S_17 Datasheet
102Kb / 5P
8.5 mm Diameter Single-Turn Fully Sealed Container Cermet Trimmer
03-Apr-17
P12 VISHAY-P12_17 Datasheet
144Kb / 6P
Fully Sealed Container Cermet Potentiometer
04-Jul-17
P13 VISHAY-P13_17 Datasheet
137Kb / 7P
Fully Sealed Container Cermet Potentiometer
04-Jul-17
P12 VISHAY-P12_V01 Datasheet
124Kb / 6P
Fully Sealed Container Cermet Potentiometer Professional Grade
04-Jul-17
P13SM VISHAY-P13SM_V01 Datasheet
122Kb / 6P
Fully Sealed Container Cermet Potentiometers Submarine Applications
29-Jul-2021
P13 VISHAY-P13_V01 Datasheet
121Kb / 7P
Fully Sealed Container Cermet Potentiometer Professional Grade
21-Nov-2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com