Electronic Components Datasheet Search
  English  ▼

X  

TEA7091 Datasheet(PDF) 6 Page - STMicroelectronics

Part # TEA7091
Description  TELEPHONE ANALOG FRONT END
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TEA7091 Datasheet(HTML) 6 Page - STMicroelectronics

  TEA7091 Datasheet HTML 1Page - STMicroelectronics TEA7091 Datasheet HTML 2Page - STMicroelectronics TEA7091 Datasheet HTML 3Page - STMicroelectronics TEA7091 Datasheet HTML 4Page - STMicroelectronics TEA7091 Datasheet HTML 5Page - STMicroelectronics TEA7091 Datasheet HTML 6Page - STMicroelectronics TEA7091 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
PQFP44 PACKAGE MECHANICAL DATA
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
3.40
0.134
A1
0.25
0.0098
A2
2.55
2.80
3.05
0.100
0.110
0.120
B
0.35
0.50
0.0138
0.0197
C
0.13
0.23
0.005
0.009
D
16.95
17.20
17.45
0.667
0.677
0.687
D1
13.90
14.00
14.10
0.547
0.551
0.555
D3
10.00
0.394
e
1.00
0.039
E
16.95
17.20
17.45
0.667
0.677
0.687
E1
13.90
14.00
14.10
0.547
0.551
0.555
E3
10.00
0.394
L
0.65
0.80
0.95
0.025
0.0315
0.0374
L1
1.60
0.063
K
0°(min.), 7°(max.)
A
A2
A1
Seating Plane
C
11
12
22
23
33
34
44
D3
D1
D
e
1
K
PQFP44
0.10mm
.004
TEA7091
6/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com