Electronic Components Datasheet Search
  English  ▼

X  

VPR220Z Datasheet(PDF) 1 Page - Vishay Siliconix

Part # VPR220Z
Description  Ultra High Precision Z-Foil Power Resistor in TO-220 Configuration with TCR of ± 0.05 ppm/°C, Tolerance to ± 0.01 % and Power Rating to 8 W
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VPR220Z Datasheet(HTML) 1 Page - Vishay Siliconix

  VPR220Z Datasheet HTML 1Page - Vishay Siliconix VPR220Z Datasheet HTML 2Page - Vishay Siliconix VPR220Z Datasheet HTML 3Page - Vishay Siliconix VPR220Z Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Document Number: 63064
For any questions, contact: foil@vishay.com
www.vishay.com
Revision: 22-Sep-08
1
VPR220Z (Z-Foil)
Vishay Foil Resistors
Ultra High Precision Z-Foil Power Resistor in
TO-220 Configuration with TCR of ± 0.05 ppm/°C,
Tolerance to ± 0.01 % and Power Rating to 8 W
Vishay Foil Resistors manufacture any resistance value
within the given resistance range (e.g. 10
Ω or
10.1234
Ω) without influencing cost or lead time
Model VPR220Z, made from Vishay Bulk Metal® Z-foil, offers
very low TCR, high stability, tight tolerance, low PCR and fast
response time in a small molded resistor.
The Z-foil technology provides a significant reduction of the
resistive components sensitivity to ambient temperature
variations and applied power changes. Designers now can
guarantee a high degree of stability and accuracy in fixed
resistor applications using solutions based on Vishay’s
revolutionary Z-foil technology.
Our application engineering department is available to
advise and make recommendations. For non-standard
technical requirements and special applications, please
contact us.
FEATURES
• Temperature coefficient of resistance (TCR):
± 0.05 ppm/°C typical (0 °C to + 60 °C)
± 0.2 ppm/°C typical (- 55 °C to + 125 °C,
+ 25 °C ref.)
• Tolerance: to ± 0.01 %
• Power coefficient of resistance (PCR) “ΔR due to self
heating”: 4 ppm/W typical
• Electrostatic discharge (ESD) above 25 000 V
• Load life stability: ± 0.005 % (25 °C, 2000 h at rated power)
• Resistance range: 5 Ω to 10 kΩ (Any value available within
resistance range e.g. 1K2345)
• Power rating: 8 W chassis mounted (per MIL-PRF-39009)
• Thermal stabilization < 1 s
• Rise time: 1 ns without ringing
• Optimized for military and space applications according to
EEE-INST-002 screening and MIL-PRF 39009
• Non inductive, non capacitive design
• Current noise: < - 40 dB
• Voltage coefficient: < 0.1 ppm/V
• Non inductive: < 0.08 µH
• Non hot spot design
• Thermal EMF: 0.05 µV/°C typical
• Terminal finishes available: lead (Pb)-free, tin/lead alloy
• Also available in a surface mount version, the VPR220SZ
• Prototype samples available from 72 h. For more
information, please contact foil@vishay.com
• For higher performances please contact us
Weight = 1 g maximum
* Pb containing terminations are not RoHS compliant, exemptions may apply
TABLE 1 - VPR220Z (- 55 °C to + 125 °C, + 25 °C Ref.)
RESISTANCE
RANGE (
Ω)
TIGHTEST
RESISTANCE
TOLERANCE
TYPICAL TCR AND
MAX. SPREAD
(ppm/°C)
50 to 10K
± 0.01 %
± 0.2 ± 2.3
25 to < 50
± 0.02 %
10 to < 25
± 0.05 %
5 to < 10
± 0.1 %
FIGURE 1 - POWER DERATING CURVE
Ambient Temperature (°C)
+ 150
+ 125
+ 100
+ 75
+ 50
+ 25
0
- 25
- 50
+ 100
+ 75
+ 50
+ 25
0
- 55 °C


Similar Part No. - VPR220Z

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VPR220 VISHAY-VPR220 Datasheet
68Kb / 2P
Precision Foil Power Resistors in TO 220 Configuration
VPR220 VISHAY-VPR220 Datasheet
128Kb / 4P
Foil Technology Precision Foil Power Resistors in TO-220 Configuration with TCR 2 ppm/째C,of Tolerance of to 짹 0.01 % and Power Rating to 8 W
05-Jul-07
VPR220100R01 VISHAY-VPR220100R01 Datasheet
68Kb / 2P
Precision Foil Power Resistors in TO 220 Configuration
VPR2205K23101.0 VISHAY-VPR2205K23101.0 Datasheet
68Kb / 2P
Precision Foil Power Resistors in TO 220 Configuration
VPR2205R0000 VISHAY-VPR2205R0000 Datasheet
68Kb / 2P
Precision Foil Power Resistors in TO 220 Configuration
More results

Similar Description - VPR220Z

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
Z201 VISHAY-Z201_07 Datasheet
112Kb / 5P
Ultra High Precision Z-Foil Resistor with TCR of ± 0.05 ppm/°C, PCR of 5 ppm at Rated Power, Tolerance of ± 0.005 % and Load Life Stability of ± 0.005 %
19-Apr-07
Z202 VISHAY-Z202 Datasheet
103Kb / 4P
Ultra High Precision Z-Foil Miniature Resistor with TCR of ± 0.05 ppm/°C, PCR of 5 ppm at Rated Power and Tolerance to ± 0.01 %
13-Nov-07
VPR220 VISHAY-VPR220_08 Datasheet
128Kb / 4P
Foil Technology Precision Foil Power Resistors in TO-220 Configuration with TCR 2 ppm/째C,of Tolerance of to 짹 0.01 % and Power Rating to 8 W
05-Jul-07
VPR220SZ VISHAY-VPR220SZ Datasheet
102Kb / 4P
Ultra High Precision Z-Foil Surface Mount Power Resistors in TO-220 Configuration with TCR of ± 0.05 ppm/°C,
06-Aug-07
VPR221SZ VISHAY-VPR221SZ Datasheet
118Kb / 5P
Ultra High Precision Z-Foil Surface Mount Power Resistor in TO-220 Configuration with TCR of ± 0.05 ppm/°C,
11-Jun-07
VPR221Z VISHAY-VPR221Z Datasheet
114Kb / 4P
Ultra High Precision Z-Foil Power Resistor in TO-220 Configuration with TCR of ± 0.05 ppm/°C,
16-Jul-07
VRM VISHAY-VRM Datasheet
109Kb / 3P
Bulk Metal® Foil Technology Industrial Miniature Precision Resistor with TCR of ± 4 ppm/°C and Tolerance to ± 0.01 %
12-Jul-07
VSA101 VISHAY-VSA101 Datasheet
120Kb / 5P
Ultra High Precision Axial Z-Foil Resistor with TCR of ± 0.05 ppm/°C, PCR of 5 ppm at Rated Power
03-Nov-08
VAR VISHAY-VAR Datasheet
115Kb / 4P
Ultra High Precision, High Resolution Z-Foil Audio Resistor, with TCR of ± 0.2 ppm/°C, Tolerance to ± 0.01 % and Noise < - 40 dB
12-Feb-08
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com