Electronic Components Datasheet Search
  English  ▼

X  

T12 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # T12
Description  Fully Sealed Container Square or Round Cermet Trimmers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

T12 Datasheet(HTML) 1 Page - Vishay Siliconix

  T12 Datasheet HTML 1Page - Vishay Siliconix T12 Datasheet HTML 2Page - Vishay Siliconix T12 Datasheet HTML 3Page - Vishay Siliconix T12 Datasheet HTML 4Page - Vishay Siliconix T12 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Fully Sealed Container Square or Round
Cermet Trimmers
www.vishay.com
For technical questions, contact: sfer@vishay.com
Document Number: 51022
56
See also: Application notes
Revision: 06-Jul-06
T12, T13
Vishay Sfernice
FEATURES
• Military and Professional Grade
• High power rating (1 Watt at 70 °C)
• CECC 41100
• High stability (1 % typical)
• Mechanical strength
• Hermetic sealing of the case
• Different mounting types
RoHS
COMPLIANT
The Vishay SFERNICE trimming potentiometers T12 and
T13 fully meet the requirements of CECC 41 100.
The use of a cermet track combined with sealing of the case
provides unique characteristics and performances.
T12 and T13 have been specially designed for mounting on
printed circuit board.
DIMENSIONS in millimeters
T12X - PM06X
T13Y
Base Level
7 ± 0.2
3.8 min
0.4
9.5 ± 0.5
1.5
Ø 3
4.5 min
0.75
12 ± 0.5
13 ± 0.5
Ø 12.6 ± 0.1
4.5 min 10 ± 0.5
1.5 ± 0.5
Ø 3
0.8
c
b
a
0.3
5.08
5.08
2
T12Y - PM06Y
10 ± 0.5
5 min
1.5
Base Level
4.5
12 ± 0.5
12 ± 0.5
ø 3
0.75
0.4
5.08
5.08
TERMINAL SPACING ON THE PCB
Drilling diameter: 1.2 mm
T12X
T12Y
10.16
5.08
5.08
a
c
b
10.16
5.08
5.08
a
c
b
CIRCUIT DIAGRAM
LOCKING DEVICE: T12 XB - YB
a
c
b
cw
(2)
(3)
(1)
6 × 6 nut with slots
M3 × 0.50
4 ± 0.5
Tolerances unless otherwise specified ± 0.5


Similar Part No. - T12

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
T12 STMICROELECTRONICS-T12 Datasheet
116Kb / 7P
12A TRIACS
Sep-2002
logo
Vishay Siliconix
T12 VISHAY-T12 Datasheet
122Kb / 6P
Fully Sealed Container 12 mm Square or Round Single-Turn Cermet Trimmer
03-Apr-17
logo
Schurter Inc.
T12-111 SCHURTER-T12-111 Datasheet
465Kb / 7P
Circuit Breaker for Equipment thermal, Flange type, Reset type, Quick connect terminals
T12-112 SCHURTER-T12-112 Datasheet
446Kb / 7P
Circuit Breaker for Equipment thermal, Flange type, Reset type, Screw terminals
T12-121 SCHURTER-T12-121 Datasheet
464Kb / 7P
Circuit Breaker for Equipment thermal, Flange type, Manual ON/OFF, Quick connect terminals
More results

Similar Description - T12

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
P8P VISHAY-P8P Datasheet
135Kb / 4P
Fully Sealed Container Cermet Trimmers
26-Oct-06
P8S VISHAY-P8S Datasheet
154Kb / 4P
Fully Sealed Container Cermet Trimmers
26-Oct-06
P13SM VISHAY-P13SM Datasheet
175Kb / 6P
Fully Sealed Container Cermet Potentiometers Submarine Applications
10-Dec-15
TS5 VISHAY-TS5 Datasheet
126Kb / 5P
Square Surface Mount Miniature Trimmers Single-Turn Cermet Fully Sealed
22-Sep-15
P12 VISHAY-P12_17 Datasheet
144Kb / 6P
Fully Sealed Container Cermet Potentiometer
04-Jul-17
P13 VISHAY-P13_17 Datasheet
137Kb / 7P
Fully Sealed Container Cermet Potentiometer
04-Jul-17
P12 VISHAY-P12_V01 Datasheet
124Kb / 6P
Fully Sealed Container Cermet Potentiometer Professional Grade
04-Jul-17
P13SM VISHAY-P13SM_V01 Datasheet
122Kb / 6P
Fully Sealed Container Cermet Potentiometers Submarine Applications
29-Jul-2021
T12 VISHAY-T12_V01 Datasheet
122Kb / 6P
Fully Sealed Container 12 mm Square or Round Single-Turn Cermet Trimmer
03-Apr-17
T9XA474KT20 VISHAY-T9XA474KT20 Datasheet
108Kb / 5P
3/8 Square Multi-Turn Fully Sealed Container Cermet Trimmer
26-Jan-18
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com