Electronic Components Datasheet Search
  English  ▼

X  

BAS19-V Datasheet(PDF) 2 Page - Vishay Siliconix

Part # BAS19-V
Description  Small Signal Switching Diodes, High Voltage
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BAS19-V Datasheet(HTML) 2 Page - Vishay Siliconix

  BAS19-V Datasheet HTML 1Page - Vishay Siliconix BAS19-V Datasheet HTML 2Page - Vishay Siliconix BAS19-V Datasheet HTML 3Page - Vishay Siliconix BAS19-V Datasheet HTML 4Page - Vishay Siliconix BAS19-V Datasheet HTML 5Page - Vishay Siliconix BAS19-V Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.vishay.com
2
Document Number 85540
Rev. 1.5, 22-Jul-05
BAS19-V / 20-V / 21-V
Vishay Semiconductors
Absolute Maximum Ratings
Tamb = 25 °C, unless otherwise specified
1) Measured under pulse conditions; Pulse time = T
p ≤ 0.3 ms
2) Device on fiberglass substrate, see layout on next page
Thermal Characteristics
Tamb = 25 °C, unless otherwise specified
1) Device on fiberglass substrate, see layout on next page
Electrical Characteristics
Tamb = 25 °C, unless otherwise specified
Parameter
Test condition
Part
Symbol
Value
Unit
Continuous reverse voltage
BAS19-V
VR
100
V
BAS20-V
VR
150
V
BAS21-V
VR
200
V
Repetitive peak reverse voltage
BAS19-V
VRRM
120
V
BAS20-V
VRRM
200
V
BAS21-V
VRRM
250
V
Non-repetitive peak forward
current
t = 1
µsI
FSM
2.5
A
Non-repetitive peak forward
surge current
t = 1 s
IFSM
0.5
A
Maximum average forward
rectified current
(av. over any 20 ms period)
IF(AV)
2001)
mA
DC forward current
Tamb = 25 °C
IF
2002)
mA
Repetitive peak forward current
IFRM
625
mA
Power dissipation
Tamb = 25 °C
Ptot
2502)
mW
Parameter
Test condition
Symbol
Value
Unit
Thermal resistance junction to ambient air
RthJA
4301)
°C
Junction temperature
Tj
150
°C
Storage temperature range
TS
- 65 to + 150
°C
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Forward voltage
IF = 100 mA
VF
1.0
V
IF = 200 mA
VF
1.25
V
Leakage current
VR = VRmax
IR
100
nA
VR = VRmax, Tj = 150 °C
IR
100
µA
Dynamic forward resistance
IF = 10 mA
rf
5
Ω
Diode capacitance
VR = 0, f = 1 MHz
Ctot
5pF
Reverse recovery time
IF = IR = 30 mA, RL = 100 Ω,
Irr = 3 mA
trr
50
ns



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com