Electronic Components Datasheet Search
  English  ▼

X  

BAS81 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # BAS81
Description  Small Signal Schottky Diodes
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BAS81 Datasheet(HTML) 1 Page - Vishay Siliconix

  BAS81_08 Datasheet HTML 1Page - Vishay Siliconix BAS81_08 Datasheet HTML 2Page - Vishay Siliconix BAS81_08 Datasheet HTML 3Page - Vishay Siliconix BAS81_08 Datasheet HTML 4Page - Vishay Siliconix BAS81_08 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
BAS81 / 82 / 83
Document Number 85509
Rev. 1.7, 15-Mar-06
Vishay Semiconductors
www.vishay.com
1
94 9371
Small Signal Schottky Diodes
Features
• Integrated protection ring against static
discharge
• Low capacitance
• Low leakage current
• Low forward voltage drop
• Very low switching time
• Lead (Pb)-free component
• Component in accordance to RoHS 2002/95/EC
and WEEE 2002/96/EC
Applications
• HF-Detector
• Protection circuit
• Diode for low currents with a low supply voltage
• Small battery charger
• Power supplies
• DC / DC converter for notebooks
Mechanical Data
Case: MiniMELF Glass case SOD80
Weight: approx. 31 mg
Cathode Band Color: Black
Packaging Codes/Options:
GS18 / 10 k per 13" reel (8 mm tape), 10 k/box
GS08 / 2.5 k per 7" reel (8 mm tape), 12.5 k/box
Parts Table
Absolute Maximum Ratings
Tamb = 25 °C, unless otherwise specified
Part
Type differentiation
Ordering code
Remarks
BAS81
VR = 40 V
BAS81-GS18 or BAS81-GS08
Tape and Reel
BAS82
VR = 50 V
BAS82-GS18 or BAS82-GS08
Tape and Reel
BAS83
VR = 60 V
BAS83-GS18 or BAS83-GS08
Tape and Reel
Parameter
Test condition
Part
Symbol
Value
Unit
Reverse voltage
BAS81
VR
40
V
BAS82
VR
50
V
BAS83
VR
60
V
Peak forward surge current
tp = 1 s
IFSM
500
mA
Repetitive peak forward current
IFRM
150
mA
Forward continuous current
IF
30
mA
e2


Similar Part No. - BAS81_08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BAS81-GS08 VISHAY-BAS81-GS08 Datasheet
76Kb / 5P
Small Signal Schottky Diodes
16-May-12
BAS81-GS18 VISHAY-BAS81-GS18 Datasheet
76Kb / 5P
Small Signal Schottky Diodes
16-May-12
BAS81-GS18 VISHAY-BAS81-GS18_15 Datasheet
76Kb / 5P
Small Signal Schottky Diodes
16-May-12
BAS81 VISHAY-BAS81_10 Datasheet
111Kb / 5P
Small Signal Schottky Diodes
23-Jul-10
BAS81 VISHAY-BAS81_12 Datasheet
59Kb / 4P
Small Signal Schottky Diodes
23-Jul-10
More results

Similar Description - BAS81_08

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
BAT86 MCC-BAT86 Datasheet
159Kb / 1P
SMALL SIGNAL SCHOTTKY DIODES
SD103A MCC-SD103A Datasheet
121Kb / 3P
Small Signal Schottky Diodes
logo
Galaxy Semi-Conductor H...
LL5712 BILIN-LL5712 Datasheet
61Kb / 3P
SMALL SIGNAL SCHOTTKY DIODES
logo
Vishay Siliconix
BAT42W-V VISHAY-BAT42W-V_10 Datasheet
63Kb / 4P
Small Signal Schottky Diodes
05-Aug-10
SD101AW-V VISHAY-SD101AW-V_10 Datasheet
61Kb / 4P
Small Signal Schottky Diodes
05-Aug-10
BAS281 VISHAY-BAS281_12 Datasheet
175Kb / 4P
Small Signal Schottky Diodes
23-Jul-10
BAT81S VISHAY-BAT81S_12 Datasheet
106Kb / 4P
Small Signal Schottky Diodes
23-Jul-10
logo
Comchip Technology
CDBH3-00340-G COMCHIP-CDBH3-00340-G Datasheet
67Kb / 2P
Small Signal Schottky Diodes
CDBV3-54 COMCHIP-CDBV3-54_12 Datasheet
103Kb / 4P
Small Signal Schottky Diodes
logo
STMicroelectronics
TMMBAT48FILM STMICROELECTRONICS-TMMBAT48FILM Datasheet
67Kb / 5P
SMALL SIGNAL SCHOTTKY DIODES
Aug-1999
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com