Electronic Components Datasheet Search
  English  ▼

X  

P10 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # P10
Description  3/8" Square Potentiometers Cermet Fully Sealed
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

P10 Datasheet(HTML) 3 Page - Vishay Siliconix

  P10 Datasheet HTML 1Page - Vishay Siliconix P10 Datasheet HTML 2Page - Vishay Siliconix P10 Datasheet HTML 3Page - Vishay Siliconix P10 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.vishay.com
For technical questions, contact: sfer@vishay.com
Document Number: 51030
110
Revision: 02-Jul-07
P10
Vishay Sfernice
3/8" Square Potentiometers Cermet Fully Sealed
MARKING
Printed:
– VISHAY trademark
– model
– ohmic value
– manufacturing date
– pin 3
The ohmic value is indicated by a 3 figures code: the first two
digits are significant figures, the third digit is the multiplier:
Example:
101 = 100
Ω
102 = 1000
Ω
503 = 50 000
Ω
The manufacturing date is indicated by a 4 figures code. The
first two digits are the year, the last two digits are the week.
SHAFTS
Standard shaft 20 mm length (R or AI code) and 16 mm
length (D or AG code) is measured from the mounting face
to the free end of the shaft.
Vishay guarantee is lost if the customer modifies the shaft
himself.
HARDWARE
Nuts and washer are supplied seperately (not mounted on
the potentiometer) in a small bag placed in the packaging.
STANDARD RESISTANCE ELEMENT DATA
STANDARD
RESISTANCE
VALUES
LINEAR LAW
TYPICAL
TCR
- 55 °C
+ 125 °C
MAX.
POWER
AT 70 °C
MAX.
WORKING
VOLTAGE
MAX. CUR.
THROUGH
WIPER
Ω
WV
mA
ppm/°C
100
200
500
1K
2K
5K
10K
20K
50K
100K
200K
500K
1M
2M
0.5
0.5
0.28
0.13
0.06
0.028
7.0
10.0
15.8
22.4
31.8
50.0
70.7
100
158
224
250
250
250
250
70
50
32
22
16
10
7.0
5.0
3.2
2.2
1.3
0.5
0.25
0.13
± 150
PACKAGING
– Carton boxes of 100 pieces
ORDERING INFORMATION
P10
MODEL
XX
VERSION
R
AXE
500 k
Ω
OHMIC VALUE
± 10 %
TOLERANCE
BO100
PACKAGING
e3
LEAD FINISH
XX YP
XH YE
XC YM
XW
R = AI = 20 mm
D = AG = 16 mm
e3: pure Sn
SAP PART NUMBERING GUIDELINES
P1
0X
XA
I5
0
4
K
B
30
MODEL
STYLE
OHMIC
VALUE
TOL
PACKAGING
CODE
SPECIAL
(IF APPLICABLE)
See the end of this data book for conversion tables
SHAFT



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com