Electronic Components Datasheet Search
  English  ▼

X  

VPR220S Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VPR220S
Description  Foil Technology Precision Foil Power Surface Mount Resistors in TO-220 Configuration with TCR of 짹 2 ppm/째C,
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VPR220S Datasheet(HTML) 2 Page - Vishay Siliconix

  VPR220S Datasheet HTML 1Page - Vishay Siliconix VPR220S Datasheet HTML 2Page - Vishay Siliconix VPR220S Datasheet HTML 3Page - Vishay Siliconix VPR220S Datasheet HTML 4Page - Vishay Siliconix VPR220S Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
VPR220S, VPR221S
Vishay Foil Resistors Bulk Metal
® Foil Technology Precision Foil Power Surface
Mount Resistors in TO-220 Configuration with TCR of
± 2 ppm/°C, Tolerance of to ± 0.01 % and Power Rating to 8 W
www.vishay.com
For any questions, contact: foil@vishay.com
Document Number: 63050
2
Revision: 29-Feb-08
Notes
1. Whichever is lower
2. Heat sink chassis dimensions and requirements per MIL-R-39009/1B:
3. Inductance (L) due mainly to the leads
4. The resolution limit of existing test equipment (within the measurement capability of the equipment, or “essentially zero”)
5. µV/°C relates to EMF due to lead temperature difference
FIGURE 2 - TYPICAL TCR CURVE
- 50
- 25
0
+ 20
+ 50
+ 75
+ 100
+ 125
- 55
+ 150
+ 100
+ 50
0
- 50
- 100
- 150
- 200
ΔR
R
(ppm)
Ambient Temperature (°C)
± 2 ppm/°C (+ 25 °C Reference)
FIGURE 3 - TRIMMING TO VALUES
(Conceptual Illustration)
Mutual Inductance
Reduction due
to Opposing
Current in
Adjacent Lines
Current Path
Before Trimming
Note: Foil shown in black, etched spaces in white
Interloop Capacitance
Reduction in Series
Trimming Process
Removes this Material
from Shorting Strip Area
Changing Current Path
and Increasing
Resistance
Current Path
After Trimming
TABLE 3 - SPECIFICATIONS
Load Life Stability at 2000 h
± 0.05 % max.
ΔR under full rated power at + 25 °C
Power Rating at + 25 °C
8 W or 3 A1) on heat sink2)
1.5 W or 3 A1) in free air
Further derating not necessary
Current Noise
< 0.010 µV (rms)/V of applied voltage (- 40 dB)
High Frequency Operation
Rise time
1 ns without ringing
Inductance3) (L)
0.1 µH maximum: 0.03 µH typical
Capacitance (C)
1.0 pF maximum: 0.5 pF typical
Voltage Coefficient4)
< 0.1 ppm/V
Operating Temperature Range
- 55 °C to + 150 °C
Maximum Working Voltage
300 V. Not to exceed power rating
Thermal EMF5)
0.15 µV/°C maximum (lead effect)
DIMENSION
INCHES
mm
L
6.00
152.4
W
4.00
101.6
H
2.00
50.8
T
0.04
1.0



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com