Electronic Components Datasheet Search
  English  ▼

X  

03VQ3 Datasheet(PDF) 2 Page - Tyco Electronics

Part # 03VQ3
Description  Highest Performance RFI Filters for Switching Power Supply Emissions down to 10 kHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

03VQ3 Datasheet(HTML) 2 Page - Tyco Electronics

  03VQ3 Datasheet HTML 1Page - Tyco Electronics 03VQ3 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CORCOM Product Guide
Highest Performance RFI Filters for Switching Power Supply
Emissions down to 10 kHz (Continued)
Case Dimensions
Part No.
AB
C
D
E
± .015
(max)
(max)
(max)
(max)
±.38
3VQ1, 3EQ1
3.85
2.07
1.78
2.938
3.34
97.8
52.6
45.2
74.63
84.8
3VQ3, 3EQ3
2.56
2.07
1.78
2.938
3.34
65.0
52.6
45.2
74.63
84.8
3VQ8, 3VQ8M
3.07
2.25
1.78
1.575
0.63
3EQ8, 3EQ8M
78.0
57.2
45.2
40.01
16.0
6EQ1
4.98
2.27
1.80
4.063
4.47
126.5
57.7
45.7
103.2
113.5
6EQ3
3.69
2.27
1.80
4.063
4.47
93.7
57.7
45.7
103.2
113.5
6EQ8, 6EQ8M
5.47
2.07
1.78
1.575
2.70
138.9
52.6
45.2
40.01
68.0
20EQ1,20VQ1
6.66
2.07
2.28
5.625
6.03
168.1
52.6
57.9
142.9
153.2
77
Catalog 1654001
Dimensions are in inches and
Dimensions are shown for
USA Cust. Svc.: 1-800-468-2023
www.cor.com
Revised 03-04
millimeters unless otherwise
reference purposes only.
CORCOM Prods: 1-847-680-7400
www.tycoelectronics.com
specified. Values in italics
Specifications subject
1-508-992-4495
are metric equivalents.
to change.
Germany:
49-89-6089-0
Q Series
Case Styles
Q1
Q3
6A-Q8 & Q8M (with metric insert)
D
E
A
C
B
C
B
3, 20 Amp Models
6 Amp Models
A
D
E
Brown
Blue
Brown
Blue
Grn/Yel
C
B
C
B
Blue
Grn/Yel
Brown
Blue
Grn/Yel
Brown
3 Amp Models
6 Amp Models
E
A
D
C
B
Grn/Yel
Blue
Brown
Tapped insert:
No. 6-32 x 1/4 (3)-Q8
No. M-3 x .5 (3)-Q8M
0.63
16.0
.313
7.95
Ref
Ref
3A-Q8 & 8Q8M (with metric insert)
A
Tapped insert:
D
B
E
C
.235
5.96
1.575
40.01
.157
3.98
.910
23.11
Dia. (2)
1.295
32.89
R
No. 6-32 x 1/4 (2)-Q8
No. M-3 x .5 (2)-Q8M
Brown
Grn/Yel
Blue
Part Numbers
03EQ1
03VQ1
03EQ3
03VQ3
03EQ8
03VQ8
03EQ8M
03VQ8M
06EQ1
20VQ1
06EQ3
06EQ8
06EQ8M
20EQ1
Line Cord:
GA400
Typical dimensions:
Terminals: .250 [6.35] (5)
Holes: .07 [1.8] Dia.(4)
Mounting Holes: .188 [4.78] Dia. (2)
Slot: .07 x .16 [1.8 x 4.1]
Typical dimensions:
Wire leads: 4.0 [101.6] Min.
Mounting Holes: .188 [4.78] Dia. (2)
Typical dimensions:
Wire leads: 6.0 [152.4] Min.
Tolerance ±.005 [0.13]
Panel Cutout (back mount)
† ±.02 [±.5]
†
†



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com