Electronic Components Datasheet Search
  English  ▼

X  

CFPV-7 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # CFPV-7
Description  Low Power Miniature SMD VCXO
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CFPV-7 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  CFPV-7 Datasheet HTML 1Page - List of Unclassifed Manufacturers CFPV-7 Datasheet HTML 2Page - List of Unclassifed Manufacturers CFPV-7 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2.54
Pad Connections
1. Voltage Control
2. GND
3. Output
4. +Vs
14.1±0.1
9.10±0.1
12
5.08
1.27
1.0
3
4
0.2
0.1 A
A
Tri-state / Enable Control and Differential Output are
not available in this package.
2.54
Solder pad layout
0.2
Control Voltage Range
■
1.65V ±1.35V (Vs = 3.3V)
■
2.5V ±2.0V (Vs = 5.0V)
Frequency Pulling
■
>±60ppm standard, other values on request
■
Positive Transfer Function
■
Modulation Bandwidth > 10kHz
■
Input Impedance >100k
Ω
■
Linearity (MIL-PRF-55310) < ±10%
Jitter (rms, typ. @ 155.52 MHz)
■
12kHz to 5MHz
0.18ps
■
12kHz to 20MHz
0.36ps
■
12kHz to 80MHz
0.72ps
Phase Noise (typ. @ 155.52MHz)
■
100Hz
–75dBc/Hz
■
1kHz
–105dBc/Hz
■
10kHz
–130dBc/Hz
■
>100Hz
–145dBc/Hz
Marking
■
Model number
■
Frequency
Environmental Specification
■
Storage: –40 to 100°C
■
Vibration: IEC 60068-2-6 Test Fc Procedure B4, 10 - 60Hz
0.75mm displacement, 60 - 500Hz, 98.1m/s2 (10gn)
acceleration, 30 minutes in each of three mutually
perpendicular planes at 1 octave per minute
■
Shock: IEC 60068-2-27 Test Ea, 981m/s2 (100gn)
acceleration for 6ms duration, 3 shocks in each
direction along three mutually perpendicular axes
■
Soldering: SMD product, suitable for Convection Reflow
soldering. Peak temperature 230°C. Maximum time
200°C, 90 secs.
■
Sealing: Non hermetic package
■
Marking: Label resistant to all common solvents
Solder Conditions
■
For typical soldering conditions, please see the relevant
page in the Application Notes
Minimum Order Information Required
■
Frequency
■
Supply voltage
2.54
Pad Connections
1. Voltage Control
2. Enable/Tri-state control
3. GND
4. Output 1
5. Output 2
6. +Vs
14.1±0.1
9.10±0.1
1
2 3
5.08
1.27
1.0
4
5
6
0.2
0.1A
0.2
A
2.54
Solder pad layout
Outline in mm - (4 pad) (Style 578)
Outline in mm - (6 pad) (Style 579)
■
Output type
■
All causes stability
■
Temperature range
■
Lifetime
■
Package style
■ RoHS compliance
■
Other requirements
Europe
Tel: +44 (0)1460 270200
Fax: +44 (0)1460 72578
Website: www.cmac.com
Americas Tel: +1 919 941 9333
Fax: +1 919 941 9371
Asia
Tel: +86 755 8826 5991
Fax: +86 755 8826 5990



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com