Electronic Components Datasheet Search
  English  ▼

X  

TH3 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # TH3
Description  Solid Tantalum Surface Mount Capacitors Tantamount짰 Molded Case, High Temperature
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TH3 Datasheet(HTML) 5 Page - Vishay Siliconix

  TH3 Datasheet HTML 1Page - Vishay Siliconix TH3 Datasheet HTML 2Page - Vishay Siliconix TH3 Datasheet HTML 3Page - Vishay Siliconix TH3 Datasheet HTML 4Page - Vishay Siliconix TH3 Datasheet HTML 5Page - Vishay Siliconix TH3 Datasheet HTML 6Page - Vishay Siliconix TH3 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
TH3
Solid Tantalum Surface Mount Capacitors
Tantamount® Molded Case, High Temperature
Vishay Sprague
Document Number: 40084
For technical questions, contact: tantalum@vishay.com
www.vishay.com
Revision: 14-Oct-08
67
25 VDC AT + 85 °C, 17 VDC AT + 125 °C, 12.5 VDC AT + 150 °C
0.47
A
TH3A474(1)025(2)8500
0.5
4
8.5
0.09
1.0
A
TH3A105(1)025(2)5200
0.5
4
5.2
0.12
1.0
A
TH3A105(1)025(2)3000
0.5
4
3.0
0.16
1.0
B
TH3B105(1)025(2)5000
0.5
4
5.0
0.13
2.2
A
TH3A225(1)025(2)5200
0.6
6
5.2
0.12
2.2
B
TH3B225(1)025(2)3000
0.6
6
3.0
0.17
3.3
B
TH3B335(1)025(2)3000
0.8
6
3.0
0.17
3.3
C
TH3C335(1)025(2)2000
0.8
6
2.0
0.24
4.7
A
TH3A475(1)025(2)5000
1.2
6
5.0
0.12
4.7
B
TH3B475(1)025(2)2800
1.2
6
2.8
0.17
4.7
C
TH3C475(1)025(2)1600
1.2
6
1.6
0.26
6.8
B
TH3B685(1)025(2)2400
1.7
6
2.4
0.19
6.8
C
TH3C685(1)025(2)1400
1.7
6
1.4
0.28
10
C
TH3C106(1)025(2)1100
2.5
6
1.1
0.32
10
D
TH3D106(1)025(2)0900
2.5
6
0.9
0.41
15
C
TH3C156(1)025(2)1200
3.8
6
1.2
0.3
15
D
TH3D156(1)025(2)0700
3.8
6
0.7
0.46
22
D
TH3D226(1)025(2)0600
5.5
6
0.6
0.50
33
D
TH3D336(1)025(2)0500
8.3
6
0.5
0.55
47
E
TH3E476(1)025(2)0600
11.8
6
0.6
0.52
35 VDC AT + 85 °C, 23 VDC AT + 125 °C, 17.5 VDC AT + 150 °C
0.33
A
TH3A334(1)035(2)11R0
0.5
4
11.0
0.08
1.0
A
TH3A105(1)035(2)6600
0.5
4
6.6
0.11
1.0
B
TH3B105(1)035(2)4400
0.5
4
4.4
0.13
1.5
B
TH3B155(1)035(2)4200
0.5
6
4.2
0.14
1.5
C
TH3C155(1)035(2)3300
0.5
6
3.3
0.18
2.2
C
TH3C225(1)035(2)2200
0.8
6
2.2
0.22
3.3
B
TH3B335(1)035(2)3500
1.2
6
3.5
0.16
3.3
B
TH3B335(1)035(2)2500
1.2
6
2.5
0.18
3.3
C
TH3C335(1)035(2)1700
1.2
6
1.7
0.17
4.7
B
TH3B475(1)035(2)3100
1.7
6
3.1
0.17
4.7
C
TH3C475(1)035(2)1300
1.6
6
1.3
0.29
4.7
D
TH3D475(1)035(2)1000
1.6
6
1.0
0.38
6.8
C
TH3C685(1)035(2)1300
2.4
6
1.3
0.29
6.8
D
TH3D685(1)035(2)0900
2.4
6
0.9
0.41
10
C
TH3C106(1)035(2)1600
3.5
6
1.6
0.26
10
D
TH3D106(1)035(2)0700
3.5
6
0.7
0.46
15
D
TH3D156(1)035(2)0700
5.3
6
0.7
0.46
22
D
TH3D226(1)035(2)0600
7.7
6
0.6
0.50
22
D
TH3D226(1)035(2)0300
7.7
6
0.3
0.71
22
E
TH3E226(1)035(2)0500
7.7
6
0.5
0.57
50 VDC AT + 85 °C, 33 VDC AT + 125 °C, 25 VDC AT + 150 °C
1.0
C
TH3C105(1)050(2)3300
0.5
4
3.3
0.18
4.7
D
TH3D475(1)050(2)0900
2.4
6
0.9
0.41
10
D
TH3D106(1)050(2)0800
5.0
6
0.8
0.43
10
E
TH3E106(1)050(2)0500
5.0
6
0.5
0.57
Notes:
• (1) Capacitance Tolerance: K, M
• (2) Termination and Packaging: A, B, C, D, E, F
• Preliminary values in bold. Contact factory for availability.
RATINGS AND PART NUMBER REFERENCE
CAPACITANCE
(µF)
CASE CODE
PART NUMBER
MAX. DC
LEAKAGE
AT + 25 °C
(µA)
MAX. DF
AT + 25 °C
(%)
MAX. ESR
AT + 25 °C
100 kHz (
Ω)
MAX. RIPPLE
100 kHz
Irms
(A)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com