Electronic Components Datasheet Search
  English  ▼

X  

TOS016010 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TOS016010
Description  Barrel-Style Capacitors - Class 1 Ceramic
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TOS016010 Datasheet(HTML) 1 Page - Vishay Siliconix

  TOS016010 Datasheet HTML 1Page - Vishay Siliconix TOS016010 Datasheet HTML 2Page - Vishay Siliconix TOS016010 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Barrel-Style Capacitors - Class 1 Ceramic
www.vishay.com
For technical questions contact: powcap@vishay.com
Document Number: 22085
1
Revision: 21-Nov-01
TO. 016010, TO. 025016
Vishay Draloric
TOS 016010 5 KVP
TOS 025016 9 KVP
TOF 016010 5 KVP
TOF 025016 9 KVP
• Dimensions in millimeters (inches)
W
W
2
1
SW
D
1
L
2.4 ± 0.1
(0.094 ± 0.004)
4.0
(0.157)
0.5
(0.020)
D
MODEL
TOF 016010
TOS 016010
TOF 025016
TOS 025016
D
16 (0.630)
16 (0.630)
25 (0.984)
25 (0.984)
D1
M 5 thread
4.5 (0.177) depth
M 6 thread
7 (0.276) depth
W1
23 max.
(0.906 max.)
35 max.
(1.378 max.)
W2
10 (0.394)
10 (0.394)
16 (0.630)
16 (0.630)
L
49 max.
(1.929 max.)
55 max.
(2.165 max.)
SW
8.0 (0.315)
10 (0.394)
MATERIAL:
Capacitor elements made from Class 1 ceramic dielectric
with noble metal electrodes.
Connection Terminals: Copper/brass, silver plated.
FINISH:
Noble metal electrodes and insulating rim completely
lacquered.
MARKING:
Type designator, Capacitance value and tolerance, Rated
voltage (peak value), Production date code, Ceramic
material code, DRALORIC Logo.
INSTALLATION GUIDELINES:
We recommend the use of a wrench when tightening and
fastening screws of the TOS model.
ORDERING INFORMATION
TOS 025016
19 KVp
100 pF
± 20 %
R 85
MODEL
RATED VOLTAGE
CAPACITANCE VALUE
TOLERANCE
CERAMIC


Similar Part No. - TOS016010

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TOS020016 VISHAY-TOS020016 Datasheet
92Kb / 3P
Barrel-Style Capacitors - Class 1 and 2 Ceramic
29-Apr-02
TOS020016 VISHAY-TOS020016 Datasheet
80Kb / 3P
RF Power Barrel Capacitors with Screw Terminals, Class 1 and Class 2 Ceramic
25-Feb-16
TOS020016 VISHAY-TOS020016_16 Datasheet
80Kb / 3P
RF Power Barrel Capacitors with Screw Terminals, Class 1 and Class 2 Ceramic
25-Feb-16
TOS030033 VISHAY-TOS030033 Datasheet
92Kb / 3P
Barrel-Style Capacitors - Class 1 and 2 Ceramic
29-Apr-02
TOS030033 VISHAY-TOS030033 Datasheet
78Kb / 3P
RF Power Barrel Capacitors with Screw Terminals, Class 1 and Class 2 Ceramic
11-Sep-15
More results

Similar Description - TOS016010

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TOS020016 VISHAY-TOS020016 Datasheet
92Kb / 3P
Barrel-Style Capacitors - Class 1 and 2 Ceramic
29-Apr-02
TOSZ VISHAY-TOSZ Datasheet
229Kb / 4P
Barrel-Style Capacitors for Dielectric Heating Equipment
19-Sep-02
TOSZ114096 VISHAY-TOSZ114096 Datasheet
140Kb / 2P
Barrel-Style Capacitors - Class 1 Ceramic
21-Nov-01
RLA910 VISHAY-RLA910 Datasheet
230Kb / 6P
Ceramic Disc Capacitors, Class 1
31-Jan-06
TOF016010 VISHAY-TOF016010_17 Datasheet
86Kb / 5P
RF Power Barrel Capacitors with Mounting Tags or Screw Terminals, Class 1 Ceramic
17-Feb-17
TOS020016 VISHAY-TOS020016_16 Datasheet
80Kb / 3P
RF Power Barrel Capacitors with Screw Terminals, Class 1 and Class 2 Ceramic
25-Feb-16
TOS030033 VISHAY-TOS030033 Datasheet
78Kb / 3P
RF Power Barrel Capacitors with Screw Terminals, Class 1 and Class 2 Ceramic
11-Sep-15
TOSZ114096 VISHAY-TOSZ114096_15 Datasheet
74Kb / 3P
RF Power Barrel Capacitors for Higher Voltages Class 1 Ceramic
11-Sep-15
HR22 VISHAY-HR22_15 Datasheet
100Kb / 4P
High Voltage Ring Style Capacitors, Class 1 and Class 2 Ceramic
14-Sep-15
5FAE VISHAY-5FAE Datasheet
88Kb / 3P
RF Power Barrel Capacitors, Class 1 and Class 2 Ceramic
30-Jan-2019
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com