Electronic Components Datasheet Search
  English  ▼

X  

TOS030033 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TOS030033
Description  Barrel-Style Capacitors - Class 1 and 2 Ceramic
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TOS030033 Datasheet(HTML) 2 Page - Vishay Siliconix

  TOS030033 Datasheet HTML 1Page - Vishay Siliconix TOS030033 Datasheet HTML 2Page - Vishay Siliconix TOS030033 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TOS 020016, TOS 030033
Barrel-Style Capacitors - Class 1 and 2 Ceramic
Vishay Draloric
Document Number: 22086
For technical questions contact: powcap@vishay.com
www.vishay.com
Revision: 29-Apr-02
2
CAPACITANCE TOLERANCES:
NP0, N 750, N 5600:
± 10 %
R 700, R 1400, R 2000, R 4000:
± 20 %
Other capacitance values are available on request.
CAPACITANCE TOLERANCES:
NP0, N 750, N 3300:
± 10 %
R 2000:
± 20 %
Other capacitance values as well as metric threads
are available on request.
* The surface temperature of 100 °C must not be exceeded
TOS 020016
CERAMIC
CAPACITANCE VALUE
[pF]
RATED
VOLTAGE
[KVDC]
RATED POWER*
[KVAr]
RATED CURRENT
[ARMS]
1 MHz
10 MHz
30 MHz
1 MHz
10 MHz
30 MHz
NP 0
10
7.5
1.710
100.3
2.5
4.3
15
3.2
10
10
0.6
3.1
5.3
25
4.4
10
10
0.8
4.0
6.9
30
5.3
10
10
1.0
4.4
7.5
40
7.0
10
10
1.3
5.1
8.7
50
8.8
10
10
1.7
5.6
9.7
N 750
75
10
10
7.0
2.2
6.9
10
100
10
10
5.3
2.5
7.9
10
N 5600
150
5.0
5.0
3.5
2.2
6.9
10
200
5.0
5.0
2.7
2.5
7.9
10
300
5.0
5.0
1.8
3.1
9.7
10
R 700
400
0.4
0.4
0.4
1.0
3.2
5.5
500
0.4
0.4
0.4
1.1
3.6
6.1
R 1400
600
0.4
0.4
0.4
1.2
3.9
6.7
800
0.4
0.4
0.4
1.4
4.5
7.8
R 2000
1000
0.2
0.2
0.2
1.1
3.6
6.1
1500
0.2
0.2
0.2
1.4
4.3
7.5
R 4000
2000
0.2
0.2
0.2
1.6
5.0
8.7
2500
0.2
0.2
0.2
1.8
5.6
9.7
TOS 030033
CERAMIC
CAPACITANCE VALUE
[pF]
RATED
VOLTAGE
[KVDC]
RATED POWER*
[KVAr]
RATED CURRENT
[ARMS]
1 MHz
10 MHz
30 MHz
1 MHz
10 MHz
30 MHz
NP 0
10
15
7
35
35
0.7
4.7
8.1
25
18
35
35
1.7
7.4
13
50
35
35
35
3.3
11
18
N 750
75
35
35
35
4.1
13
22
100
35
35
35
4.7
15
26
150
22
22
22
4.6
14
25
200
15
15
15
4.3
14
24
N 3300
300
5
5
5
3.1
10
17
400
5
5
5
3.6
11
19
500
5
5
5
4.0
13
22
750
0.5
0.5
0.5
1.5
5.0
8.4
R 2000
1000
0.5
0.5
0.5
1.8
6.0
9.7
1200
0.5
0.5
0.5
2.0
6.0
12
1500
0.5
0.5
0.5
2.2
6.0
12



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com