Electronic Components Datasheet Search
  English  ▼

X  

MS75101 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # MS75101
Description  Inductors Military, MIL-PRF-15305 Qualified, Type LT, Molded
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MS75101 Datasheet(HTML) 2 Page - Vishay Siliconix

  MS75101 Datasheet HTML 1Page - Vishay Siliconix MS75101 Datasheet HTML 2Page - Vishay Siliconix MS75101 Datasheet HTML 3Page - Vishay Siliconix MS75101 Datasheet HTML 4Page - Vishay Siliconix MS75101 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MS7508x, MS18130, MS14046, MS90538, MS75101
Inductors, Military, MIL-PRF-15305 Qualified,
Type LT, Molded
Vishay Dale
Document Number: 34189
For technical questions contact magnetics@vishay.com
www.vishay.com
Revision: 16-Mar-06
9
* Measured with full length lead. ** Rated DC Current based on the maximum temperature rise as shown in table.
STANDARD ELECTRICAL SPECIFICATIONS
MODEL
IND
(µH)
TOL.
MILITARY
STANDARD
MILITARY
TYPE
Q
MIN.
TEST
FREQ.
L & Q
(MHz)
SELF-
RESONANT*
FREQ MIN.
(MHz)
DCR
MAX.
(Ohms)
RATED**
DC CURRENT
(mA)
LT4K
MS75083
0.10
± 10 %
- 1
339
40
25.0
680.0
0.08
1350
0.12
± 10 %
- 2
340
40
25.0
640.0
0.09
1270
0.15
± 10 %
- 3
341
38
25.0
600.0
0.10
1200
0.18
± 10 %
- 4
342
35
25.0
550.0
0.12
1105
0.22
± 10 %
- 5
343
33
25.0
510.0
0.14
1025
0.27
± 10 %
- 6
344
33
25.0
430.0
0.16
960
0.33
± 10 %
- 7
345
30
25.0
410.0
0.22
815
0.39
± 10 %
- 8
346
30
25.0
365.0
0.30
700
0.47
± 10 %
- 9
347
30
25.0
330.0
0.35
650
0.56
± 10 %
- 10
348
30
25.0
300.0
0.50
545
0.68
± 10 %
- 11
349
28
25.0
275.0
0.60
495
0.82
± 10 %
- 12
350
28
25.0
250.0
0.85
415
1.0
± 10 %
- 13
351
25
25.0
230.0
1.0
385
LT10K
MS75084
1.2
± 10 %
- 1
061
25
7.9
150.0
0.18
590
1.5
± 10 %
- 2
062
28
7.9
140.0
0.22
535
1.8
± 10 %
- 3
063
30
7.9
125.0
0.30
455
2.2
± 10 %
- 4
064
30
7.9
115.0
0.40
395
2.7
± 10 %
- 5
065
37
7.9
100.0
0.55
355
3.3
± 10 %
- 6
066
45
7.9
90.0
0.85
270
3.9
± 10 %
- 7
067
45
7.9
80.0
1.0
250
4.7
± 10 %
- 8
068
45
7.9
75.0
1.2
230
5.6
± 10 %
- 9
069
50
7.9
65.0
1.8
185
6.8
± 10 %
- 10
070
50
7.9
60.0
2.0
175
8.2
± 10 %
- 11
071
55
7.9
55.0
2.7
155
10.0
± 10 %
- 12
072
55
7.9
50.0
3.7
130
12.0
± 10 %
- 13
073
45
2.5
40.0
2.7
155
15.0
± 10 %
- 14
074
40
2.5
35.0
2.8
150
18.0
± 10 %
- 15
075
50
2.5
30.0
3.1
145
22.0
± 10 %
- 16
076
50
2.5
25.0
3.3
140
27.0
± 10 %
- 17
077
50
2.5
20.0
3.5
135
LT10K
MS75085
33.0
± 10 %
- 1
078
45
2.5
24.0
3.4
130
39.0
± 10 %
- 2
079
45
2.5
22.0
3.6
125
47.0
± 10 %
- 3
080
45
2.5
20.0
4.5
110
56.0
± 10 %
- 4
081
45
2.5
18.0
5.7
100
68.0
± 10 %
- 5
082
50
2.5
15.0
6.7
92
82.0
± 10 %
- 6
083
50
2.5
14.0
7.3
88
100.0
± 10 %
- 7
084
50
2.5
13.0
8.0
84
120.0
± 10 %
- 8
085
30
0.79
12.0
13.0
66
150.0
± 10 %
- 9
086
30
0.79
11.0
15.0
61
180.0
± 10 %
- 10
087
30
0.79
10.0
17.0
57
220.0
± 10 %
- 11
088
30
0.79
9.0
21.0
52
270.0
± 10 %
- 12
089
30
0.79
8.0
25.0
47
330.0
± 10 %
- 13
090
30
0.79
7.0
28.0
45
390.0
± 10 %
- 14
091
30
0.79
6.5
35.0
40
470.0
± 10 %
- 15
092
30
0.79
6.0
42.0
36
560.0
± 10 %
- 16
093
30
0.79
5.0
46.0
35
680.0
± 10 %
- 17
094
30
0.79
4.0
60.0
30
820.0
± 10 %
- 18
095
30
0.79
3.8
65.0
29
1000.0
± 10 %
- 19
096
30
0.79
3.4
72.0
28
LT4K
MS18130
0.15
± 20 %
- 1
074
50
25.0
525.0
0.03
2450
0.22
± 20 %
- 2
075
50
25.0
450.0
0.055
1810
0.33
± 20 %
- 3
076
45
25.0
360.0
0.09
1400
0.47
± 20 %
- 4
077
45
25.0
310.0
0.12
1225
0.56
± 10 %
- 5
078
50
25.0
280.0
0.135
1150
0.68
± 10 %
- 6
079
50
25.0
250.0
0.15
1100
0.82
± 10 %
- 7
080
50
25.0
220.0
0.22
900
1.0
± 10 %
- 8
081
50
25.0
200.0
0.29
785
1.2
± 10 %
- 9
082
33
7.9
180.0
0.42
650
1.5
± 10 %
- 10
083
33
7.9
160.0
0.50
600
1.8
± 10 %
- 11
084
33
7.9
150.0
0.65
525
2.2
± 10 %
- 12
085
33
7.9
135.0
0.95
435
2.7
± 10 %
- 13
086
33
7.9
120.0
1.20
385
3.3
± 10 %
- 14
087
33
7.9
110.0
2.0
300
3.9
± 10 %
- 15
088
33
7.9
100.0
2.30
280
4.7
± 10 %
- 16
089
33
7.9
90.0
2.60
260



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com