Electronic Components Datasheet Search
  English  ▼

X  

VSMP Datasheet(PDF) 3 Page - Vishay Siliconix

Part # VSMP
Description  Ultra High Precision Foil Wraparound Surface Mount Chip Resistor with TCR of 짹 0.05 ppm/째C and Power Coefficient of 5 ppm at
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VSMP Datasheet(HTML) 3 Page - Vishay Siliconix

  VSMP Datasheet HTML 1Page - Vishay Siliconix VSMP Datasheet HTML 2Page - Vishay Siliconix VSMP Datasheet HTML 3Page - Vishay Siliconix VSMP Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Document Number: 63060
For any questions, contact: foil@vishay.com
www.vishay.com
Revision: 18-Sep-08
3
VSMP Series (0805, 1206, 1506, 2010, 2512) (Z-Foil)
Ultra High Precision Foil Wraparound Surface Mount Chip
Resistor with TCR of ± 0.05 ppm/°C and Power Coefficient of
5 ppm at Rated Power and Load Life Stability of ± 0.005 % (50 ppm)
Vishay Foil Resistors
Notes
1. Avoid the use of cleaning agents which could attack epoxy resins,
which form part of the resistor construction
2. Vacuum pick up is recommended for handling
3. Soldering iron may damage the resistor
Note
* For non-standard requests, please contact application engineering.
FIGURE 4 - RECOMMENDED
MOUNTING1)2)3)
25 % to 85 % of T
A low profile solder fillet is
recommended to avoid unnecessary
stresses along top edge of
metallization. IR and vapor phase
reflow are best.
TABLE 6 - SPACE AND MILITARY
SPECIFICATIONS
MODEL
EEE-INST-002
DSCC
MIL-PRF
VSMP0805
√
07024
55342
VSMP1206
√
07025
VSMP1506
√
03010
VSMP2010
√
06001
VSMP2512
√
06002
TABLE 7 - GLOBAL PART NUMBER INFORMATION
NEW GLOBAL PART NUMBER: Y162612K7560T9R (preferred part number format)
DENOTES PRECISION
VALUE
AER*
YR =
Ω
K = k
Ω
0 = standard
9 = lead (Pb)-free
1 - 999 = custom
PRODUCT CODE
RESISTANCE TOLERANCE
PACKAGING
1624 = VSMP0805
1625 = VSMP1206
1626 = VSMP1506
1627 = VSMP2010
1628 = VSMP2512
T = ± 0.01 %
Q = ± 0.02 %
A = ± 0.05 %
B = ± 0.10 %
C = ± 0.25 %
D = ± 0.5 %
F = ± 1.0 %
R = tape and reel
W = waffle pack
FOR EXAMPLE: ABOVE GLOBAL ORDER Y1626 12K7560 T 9 R:
TYPE: VSMP1506
VALUES: 12.7560 k
Ω
ABSOLUTE TOLERANCE: 0.01 %
TERMINATION: lead (Pb)-free
PACKAGING: tape and reel
HISTORICAL PART NUMBER: VSMP1506 12K756 TCR0.2 T S T (will continue to be used)
VSMP1506
12K756
TCR0.2
T
S
T
MODEL
RESISTANCE VALUE
TCR
CHARACTERISTICS
TOLERANCE
TERMINATION
PACKAGING
VSMP0805
VSMP1206
VSMP1506
VSMP2010
VSMP2512
12.756 k
Ω
T = ± 0.01 %
Q = ± 0.02 %
A = ± 0.05 %
B = ± 0.10 %
C = ± 0.25 %
D = ± 0.5 %
F = ± 1.0 %
S = lead (Pb)-free
B = tin/lead
T = tape and reel
W = waffle pack
6
261
K
7
5
2
Y1
T9
6
R
0



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com