Electronic Components Datasheet Search
  English  ▼

X  

UB30BCT Datasheet(PDF) 2 Page - Vishay Siliconix

Part # UB30BCT
Description  Dual Common-Cathode Ultrafast Plastic Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

UB30BCT Datasheet(HTML) 2 Page - Vishay Siliconix

  UB30BCT Datasheet HTML 1Page - Vishay Siliconix UB30BCT Datasheet HTML 2Page - Vishay Siliconix UB30BCT Datasheet HTML 3Page - Vishay Siliconix UB30BCT Datasheet HTML 4Page - Vishay Siliconix UB30BCT Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
New Product
U(B)30BCT thru U(B)30DCT
Vishay General Semiconductor
www.vishay.com
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
Document Number: 89015
Revision: 27-Aug-08
926
Notes:
(1) Pulse test: 300 µs pulse width, 1 % duty cycle
(2) Pulse test: Pulse width
≤ 40 ms
RATINGS AND CHARACTERISTICS CURVES
(TA = 25 °C unless otherwise noted)
ELECTRICAL CHARACTERISTICS (TC = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
TYP.
MAX.
UNIT
Instantaneous forward voltage per diode (1)
IF = 7.5 A
IF = 15 A
TJ = 25 °C
VF
0.875
0.964
-
1.05
V
IF = 7.5 A
IF = 15 A
TJ = 100 °C
0.800
0.892
-
0.95
Reverse current per diode (2)
rated VR
TJ = 25 °C
TJ = 100 °C
IR
1.3
200
20
600
µA
Reverse recovery time per diode
IF = 0.5 A, IR = 1.0 A, Irr = 0.25 A
trr
17
25
ns
Reverse recovery time per diode
IF = 15 A, dI/dt = 200 A/µs,
VR = 200 V, Irr = 0.1 IRM
trr
36
45
ns
Stored charge per diode
Qrr
110
-
nC
Forward recovery time per diode
IF = 15 A, dI/dt = 120 A/µs,
VF = 1.1 x VF max.
tfr
175
-
ns
Peak forward voltage per diode
VFP
3.1
-
V
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
U30xCT
UB30xCT
UNIT
Typical thermal resistance per diode
RθJC
2.4
°C/W
ORDERING INFORMATION (Example)
PACKAGE
PREFERRED P/N
UNIT WEIGHT
PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
TO-220AB
U30DCT-E3/4W
1.87
4W
50/tube
Tube
TO-263AB
UB30DCT-E3/4W
1.37
4W
50/tube
Tube
TO-263AB
UB30DCT-E3/8W
1.37
8W
800/reel
Tape and reel
Figure 1. Maximum Forward Current Derating Curve
20
15
25
30
35
10
5
0
0
25
50
75
100
125
150
Case Temperature (°C)
U30xCT
UB30xCT
Resistive or Inductive Load
Figure 2. Forward Power Loss Characteristics Per Diode
12
14
16
18
10
8
6
4
2
0
0246
8
10
12
14
16
18
Average Forward Current (A)
D = 0.1
D = 0.3
D = 0.5
D = 0.8
D = 1.0
D = 0.2
D = t
p/T
t
p
T



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com